Electronic Components Datasheet Search
  English  ▼

X  

1269 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 1269
Description  Adafruit 1.2" 4-Digit 7-Segment Display w/I2C Backpack - Yellow
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1269 Datasheet(HTML) 1 Page - Adafruit Industries

  1269 Datasheet HTML 1Page - Adafruit Industries 1269 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adafruit 1.2" 4-Digit 7-Segment Display
w/I2C Backpack - Yellow
PRODUCT ID: 1269
Description
What's better than a single LED? Lots of LEDs! A fun way to make a numeric display is to use a 4-digit 7-
segment display. LED matrices like these are 'multiplexed' - so to control all the seven-segment LEDs you
need 14 pins. That's a lot of pins, and there are driver chips like the MAX7219 that can control a matrix for
you but there's a lot of wiring to set up and they take up a ton of space. Here at Adafruit we feel your pain!
After all, wouldn't it be awesome if you could control a matrix without tons of wiring? That's where these
adorable LED matrix backpacks come in. We have them for a variety of 8x8 and 7-segment displays. They
work perfectly with the displays we stock in the Adafruit shop and make adding a bright display trivial.
The backpacks use a driver chip that does all the heavy lifting for you: They have a built in clock so they
multiplex the display. They use constant-current drivers for ultra-bright, consistent color (the images above
are photographed at the dimmest setting to avoid overloading our camera!), 1/16 step display dimming, all
via a simple I2C interface. The backpacks come with address-selection jumpers so you can connect up to
eight 7-segments (or a combination, such as four mini 8x8's and four 7-segments, etc) on a single I2C bus.


Similar Part No. - 1269

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1269 POMONA-1269 Datasheet
33Kb / 1P
BNC (Female) To Double Stacking Banana Plugs
logo
List of Unclassifed Man...
1269 ETC2-1269 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Weidmuller
1269070000 WEIDMULLER-1269070000 Datasheet
385Kb / 20P
AL4C 2.5
May 23, 2023 9:04:20 PM
1269070000 WEIDMULLER-1269070000 Datasheet
388Kb / 20P
AL4C 2.5 OR
May 23, 2023 9:04:58 PM
logo
KNIPEX
126921 KNIPEX-126921 Datasheet
97Kb / 1P
1 pair of spare blades for 12 62 180
05.07.2021
More results

Similar Description - 1269

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD25-CADG13 P-TEC-PD25-CADG13 Datasheet
23Kb / 1P
Single Digit 7 Segment 1.2??LED Display
PD25-CADO12 P-TEC-PD25-CADO12 Datasheet
23Kb / 1P
Single Digit 7 Segment 1.2??LED Display
PD25-CADR21 P-TEC-PD25-CADR21 Datasheet
23Kb / 1P
Single Digit 7 Segment 1.2??LED Display
PD25-CADY01 P-TEC-PD25-CADY01 Datasheet
23Kb / 1P
Single Digit 7 Segment 1.2??LED Display
PD38-CADO12 P-TEC-PD38-CADO12 Datasheet
24Kb / 1P
Dual Digit 7 Segment 0.56??Display
PD25-CADR21_0709 P-TEC-PD25-CADR21_0709 Datasheet
23Kb / 1P
PD25 Single Digit 7 Segment 1.2??LED Display
logo
LUMEX INC.
LDD-SMHTC3904RI-SI LUMEX-LDD-SMHTC3904RI-SI Datasheet
103Kb / 2P
7 Segment Dual Digit Display
LDD-SMHTM5602RISUG LUMEX-LDD-SMHTM5602RISUG Datasheet
177Kb / 2P
7 Segment Dual Digit Display
LDS-SMHTA5604RISIT LUMEX-LDS-SMHTA5604RISIT Datasheet
172Kb / 2P
7 Segment Single Digit Display
logo
Visual Communications C...
DSM7UA56101 VCC-DSM7UA56101 Datasheet
955Kb / 7P
Single Digit 7-Segment LED Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com