Electronic Components Datasheet Search
  English  ▼

X  

1312 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 1312
Description  Breadboard-friendly RGB Smart NeoPixel - Pack of 4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1312 Datasheet(HTML) 1 Page - Adafruit Industries

  1312 Datasheet HTML 1Page - Adafruit Industries 1312 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Breadboard-friendly RGB Smart NeoPixel -
Pack of 4
PRODUCT ID: 1312
Description
This is the easiest way possible to add small, bright RGB pixels to your project. We took the same
technology from our Flora NeoPixels and made them breadboard friendly, with two rows of 3 x 0.1"
spaced header on each side for easy soldering, chaining and breadboarding. These ultra-bright
LEDs have a constant-current driver cooked right into the LED package! The pixels are chainable -
so you only need 1 pin/wire to control as many LEDs as you like.
These pixels have full 24-bit color ability with PWM taken care of by the controller chip. Since the
LED is so bright, you need less current/power to get the effects you want. The driver is constant
current so its OK if your battery power changes or fluctuates a little.
Each pixel draws as much as 60mA (all three RGB LEDs on for full brightness white). An Arduino
can drive up to 500 pixels at 30 FPS (it will run out of RAM after that). Using ribbon cable you can
string these up to 6" apart (after that, you might get power droops and data corruption)
Each order comes with 4 individually controllable pixels. In the photos above we show the pixels with 
headers soldered on, but the pixels do not come with any headers. You can pick up some in the shop if you 
need
Our detailed NeoPixel Uberguide has everything you need to use NeoPixels in any shape and size. Including 
ready‐to‐go library & example code for the Arduino UNO/Duemilanove/Diecimila, Flora/Micro/Leonardo, 
Trinket/Gemma, Arduino Due & Arduino Mega/ADK (all versions)


Similar Part No. - 1312

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
1312 LSTD-1312 Datasheet
538Kb / 2P
Precise temperature control
1312 LSTD-1312 Datasheet
563Kb / 2P
Precise temperature control
logo
Heyco.
1312 HEYCO-1312 Datasheet
120Kb / 1P
Window “View Port” Plugs
logo
CEE Norm UK Ltd
1312 CEENORM-1312 Datasheet
1Mb / 4P
Socket Outlets
logo
ANSMANN AG
1312-0036 ANSMANN-1312-0036 Datasheet
1Mb / 2P
ANSMANN Li-Ion batteries AA type 2000 (min. 1800 mAh) 4pcs. paper blister
28.02.2026
More results

Similar Description - 1312

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
PC/104 breadboard
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
Environmentally friendly
logo
Anaren Microwave
X3C07P1-04S ANAREN-X3C07P1-04S Datasheet
1,018Kb / 19P
Production Friendly
X3C09P1-05S ANAREN-X3C09P1-05S Datasheet
954Kb / 17P
Production Friendly
XDL20-11-180S ANAREN-XDL20-11-180S Datasheet
152Kb / 3P
Production Friendly
logo
Schneider Electric
SURT192XLBP SCHNEIDER-SURT192XLBP Datasheet
149Kb / 2P
APC Smart-UPS RT 192V Battery pack
2020. 10. 14
logo
SparkFun Electronics
PRT-12044 SPARKFUN-PRT-12044 Datasheet
105Kb / 1P
Breadboard ??Mini Modular (Red)
5??6??7
PRT-12045 SPARKFUN-PRT-12045 Datasheet
111Kb / 1P
Breadboard ??Mini Modular (Blue)
5??6??7
PRT-12046 SPARKFUN-PRT-12046 Datasheet
101Kb / 1P
Breadboard ??Mini Modular (Green)
5??6??7
logo
RRC power solutions Ltd...
RRC3570 RRC-RRC3570 Datasheet
277Kb / 2P
Rechargeable Smart Battery Pack Li-Ion
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com