Electronic Components Datasheet Search
  English  ▼

X  

1350 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1350
Description  EL Wire Coin Cell Mini Inverter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1350 Datasheet(HTML) 2 Page - Adafruit Industries

  1350 Datasheet HTML 1Page - Adafruit Industries 1350 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
To connect a piece EL wire to this, you'll want a male connector wire 
 
Soldering to EL wire is a little tricky but luckily we wrote a detailed step‐by‐step tutorial! 
https://cdn‐learn.adafruit.com/downloads/pdf/el‐wire.pdf 
Technical Details
Dimensions: 
o
Dimensions: 46mm x 24mm x 10mm / 1.8" x .9" x .4" 
o
Cable Length: 75mm / 3.0" 
o
Weight: 10g 
 
 
 
 
 
 
 
 
 
                                               https://www.adafruit.com/product/1350 8‐8‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com