Electronic Components Datasheet Search
  English  ▼

X  

1460 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 1460
Description  NeoPixel Digital RGB LED Strip - Black 30 LED - BLACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1460 Datasheet(HTML) 1 Page - Adafruit Industries

  1460 Datasheet HTML 1Page - Adafruit Industries 1460 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NeoPixel Digital RGB LED Strip - Black 30 LED - BLACK
PRODUCT ID: 1460
Description
You thought it couldn't get better than our world‐famous 32‐LED‐per‐meter Digital LED strip but we will 
prove you wrong! These NeoPixel strips have 30 digitally‐addressable pixel LEDs per meter and are very 
affordable and are only 12.5 mm wide, 10 mm if you remove the strip from the casing. This is the strip with 
black flex PCB, its identical to the white 30 LED/meter except it has a different color mask on the flex strip
There are some things to watch for:
These LED's use about 9.5 Watts max (~2 Amps @ 5V) per meter. The max rating is assuming all
the LEDs are on full white, usually the actual current for colorful design is about 1/3 to 1/2 the
max current. A good power supply such as our 5V 2A or 10A supply is key!
Second, to get high density, the controller chip is inside the LED, which is kind of cool, but also
means that the chip only uses a single pin for input and a single pin for output. The protocol used
is very very timing-specific and can only be controlled by microcontrollers with highly repeatable
100nS timing precision. We have example code for using with the Arduino Uno/Mega
microcontroller at 8MHz and 16MHz, and with a little effort you can use with the Raspberry Pi,
or Beagle Bone Black, but it will not work with the Basic Stamp, NETduino, any other
interpreted/virtual machine microprocessor or any processor slower than 8 MHz. For those
processors, check our DotStar digital LED strip which has SPI-like input/output and works easily
with Pi, NETduino, and other processors.
The way the pixels are controlled by an Arduino, the entire strip must be buffered in memory, and
we've found many Arduino UNO projects only have about a 1500bytes of RAM available after all the
extras are included - enough for about 500 LED pixels. If you want to drive the entire strip and
have some other libraries included, you may need to use a Mega.


Similar Part No. - 1460

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1460 VISHAY-1460 Datasheet
126Kb / 2P
Bulk Metal® Foil Technology 20 Pin Dual-In-Line Hermetic Resistor Network
08-Mar-05
logo
List of Unclassifed Man...
1460-1463 ETC-1460-1463 Datasheet
238Kb / 1P
Lift-off Hinges
logo
Theben AG
1460000 THEBEN-1460000 Datasheet
330Kb / 2P
Time and light control Hour counters
07/04/2025
logo
PHOENIX CONTACT
1460019 PHOENIX-1460019 Datasheet
55Kb / 3P
Housing - HC-B 06-TFL-H-O1M25S
1460020 PHOENIX-1460020 Datasheet
46Kb / 2P
Housing - HC-B 06-TFL-H-O1M32S
More results

Similar Description - 1460

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-SFRGB5C01 BVLED-BVM-SFRGB5C01 Datasheet
138Kb / 5P
RGB LED STRIP LIGHT
logo
Ningbo Foryard Optoelec...
FYSH-5050RGB-150-12VWWF FORYARD-FYSH-5050RGB-150-12VWWF Datasheet
735Kb / 7P
Waterproof Flexible RGB LED Strip With White PCB
logo
List of Unclassifed Man...
QBLP679-RGB3 ETC2-QBLP679-RGB3 Datasheet
383Kb / 8P
PLCC6 RGB LED
logo
BetLux Electronics
TLS-SMD-10F-RGB BETLUX-TLS-SMD-10F-RGB Datasheet
96Kb / 2P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-10F-RGB-30 BETLUX-TLS-SMD-10F-RGB-30 Datasheet
101Kb / 1P
LED strip light, RGB color, Top LED type, Flexible, Water Proof
REV NO: V.2
TLS-SMD-10F-RGB-30N BETLUX-TLS-SMD-10F-RGB-30N Datasheet
101Kb / 1P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-10F-RGB-60 BETLUX-TLS-SMD-10F-RGB-60 Datasheet
109Kb / 2P
LED strip light, RGB color, Top LED type, Flexible , Water Proof
REV NO: V.2
TLS-SMD-10F-RGB-60N BETLUX-TLS-SMD-10F-RGB-60N Datasheet
109Kb / 2P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
logo
List of Unclassifed Man...
QBLP677-RGB2 ETC1-QBLP677-RGB2 Datasheet
668Kb / 10P
PLCC4 RGB LED BLACK FACE HIGH BRIGHT
logo
SparkFun Electronics
COM-12025 SPARKFUN-COM-12025 Datasheet
218Kb / 1P
LED RGB Strip - Addressable, Bare (1m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com