Electronic Components Datasheet Search
  English  ▼

X  

1655 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1655
Description  NeoPixel 5050 RGB LED with Integrated Driver Chip 10 Pack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1655 Datasheet(HTML) 2 Page - Adafruit Industries

  1655 Datasheet HTML 1Page - Adafruit Industries 1655 Datasheet HTML 2Page - Adafruit Industries 1655 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Description
Make your own smart LED arrangement with the same integrated LED that is
used in our NeoPixel strip and pixels. This tiny 5050 (5mm x 5mm) RGB LED is
fairly easy to solder and is the most compact way possible to integrate multiple
bright LEDs to a design. The driver chip is inside the LED and has ~18mA
constant current drive so the color will be very consistent even if the voltage
varies, and no external choke resistors are required making your design
minimal. Power the whole thing with 5VDC and you're ready to rock.
This is the 4 pin LED chip version, not 6. It is code compatible and the same
over-all shape and functionality but not the same pinout so you cannot use
these to replace an 'S chip. If you are designing a new PCB we suggest going
with the B, since it has built in polarity protection. Other than that, B and S are
the same brightness, and use the exact same code interface.
The LEDs are 'chainable' by connecting the output of one chip into the input of
another - see the datasheet for diagrams and pinouts. To allow the entire chip
to be integrated into a 6-pin package, there is a single data line with a very
timing-specific protocol. Since the protocol is very sensitive to timing, it
requires a real-time microconroller such as an AVR, Arduino, PIC, mbed, etc. It
cannot be used with a Linux-based microcomputer or interpreted
microcontroller such as the netduino or Basic Stamp. The LEDs basically have a
WS2811 inside, but fixed at the 800KHz 'high speed' setting. Our wonderfully-
written Neopixel library for Arduino supports these pixels! As it requires hand-
tuned assembly it is only for AVR cores but others may have ported this chip
driver code so please google around. An 8MHz or faster processor is required.
These raw LEDs are cut from a reel and/or might be loose. They may not
suitable for pick & place + reflow. We recommend these for careful hand
soldering only! Comes in a package with 10 individual LEDs.
YouTube Link: https://youtu.be/HO6xQMR8naw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com