Electronic Components Datasheet Search
  English  ▼

X  

1676 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 1676
Description  Resistive Touchscreen Overlay - 7" diag. 165mm x 105mm - 4 Wire
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1676 Datasheet(HTML) 1 Page - Adafruit Industries

  1676 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Resistive Touchscreen Overlay - 7" diag.
165mm x 105mm - 4 Wire
PRODUCT ID: 1676
DESCRIPTION
If you already have a 7" TFT that is about 165mm x 105mm in size (with a visible area equal to or smaller than
152mm x 91mm), you can put this glass resistive overlay over it to add a resistive touch screen.
To use, first remove the protective plastic wrap from both sides. Attach to your touchscreen controller (we suggest
our AR1100 USB touch adapter if you need USB mouse interface, or the STMPE610 breakout for I2C/SPI) and test
to make sure the screen works over all - remember that only one side will work for touch, so flip it over if you can't
get it working. Once you know which way is up, and you've got the touch screen talking to your controller, use
double-sided tape to attach it to your screen, carefully lining up the outer edges.
TECHNICAL DETAILS
o
Outer Dimensions: 165mm x 105mm / 6.5" x 4"
o
Inner Dimensions: 151mm x 91mm - make sure your screen visible area is equal or smaller than this
number!
o
Weight: 55 g
                                Engineered in NYC Adafruit ® https://www.adafruit.com/product/1676 7‐3‐17 


Similar Part No. - 1676

ManufacturerPart #DatasheetDescription
logo
Heyco.
1676 HEYCO-1676 Datasheet
112Kb / 1P
Shorty Plugs
logo
Abbatron All Rights Res...
1676 ABBATRON-1676 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Atom Lighting
16760 ATOM-16760 Datasheet
217Kb / 2P
Eclipse
22nd of January 2025 08:26:58
logo
Eaton All Rights Reserv...
167600 EATON-167600 Datasheet
1Mb / 36P
Surge Protection
167601 EATON-167601 Datasheet
1Mb / 36P
Surge Protection
More results

Similar Description - 1676

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
LM8500 NSC-LM8500 Datasheet
327Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
Axiomtek Co., Ltd.
P6100 AXIOMTEK-P6100 Datasheet
276Kb / 2P
Resistive type of touchscreen
P6122 AXIOMTEK-P6122 Datasheet
276Kb / 2P
Resistive touchscreen
logo
Semtech Corporation
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
STMicroelectronics
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com