Electronic Components Datasheet Search
  English  ▼

X  

1774 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1774
Description  2.8" TFT Display with Resistive Touchscreen
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1774 Datasheet(HTML) 2 Page - Adafruit Industries

  1774 Datasheet HTML 1Page - Adafruit Industries 1774 Datasheet HTML 2Page - Adafruit Industries 1774 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
We're selling this module bare for those who want to integrate it into their own
project. If this is your first time working with this TFT we suggest our breakout
board which makes it easy to use SPI or 8-bit interfacing and also has mounting
holes, level shifting, etc.. Otherwise you can pick up one of our 50-pin FPC
breakouts and an 50-pin FPC connector and solder it up by hand. For the TFT
command set, the data sheet is very complete, but we also have some Arduino
code you can refer to here to get started
A 50 pin, 0.5mm pitch, top-contact FPC connector is required to connect to this
screen. We show one in the photos but it is not included! You cannot solder this
connector directly to a PCB - a matching connector is required, you can pick one
up here.
The resistive touch screen is a classic 'analog' touch screen which requires
either a micro controller with analog inputs OR the use of a touch screen
controller such as this one 
 
TECHNICAL DETAILS
2.8" diagonal LCD TFT display datasheet 240x320 resolution, 18-bit
(262,000) color capable - our code uses only 16-bits since its faster.
ILI9341 (datasheet) controller with built in video RAM buffer
Adafruit ILI9341 SPI library
8-bit RGB TFT Library (not as well supported, most uses prefer SPI)
Dimensions:
69mm x 50mm x 4mm / 2.7" x 2" x 0.2"
Weight: 24g



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com