Electronic Components Datasheet Search
  English  ▼

X  

2039 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2039
Description  16x8 1.2" LED Matrix Backpack - Ultra Bright Round Blue LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2039 Datasheet(HTML) 2 Page - Adafruit Industries

  2039 Datasheet HTML 1Page - Adafruit Industries 2039 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The backpack uses a HT16K33 driver chip that does all the heavy lifting for you. This chip has a built in
clock so they multiplex the display. It uses constant-current drivers for ultra-bright, consistent color (the
images above are photographed at the dimmest setting to avoid overloading our camera!), 1/16 step
display dimming, all via a simple I2C interface. Each matrix backpack comes with three address-selection
jumpers so you can connect up to 8 x 1.2" 16x8's together on a single I2C bus.
This kit comes with:
o
A fully tested and assembled 16x8 1.2" LED Backpack
o
2x ultra-bright round 8x8 blue matrices
o
4-pin header
A bit of soldering is required to attach the two matrices onto the backpack but its very easy to do and only
takes about 10 minutes.
Of course, in classic Adafruit fashion, we also have a detailed tutorial showing you how to solder, wire and
control the display. We even wrote a very nice library for the backpacks so you can get running in under
half an hour, displaying images on the matrix or numbers on the 7-segment. If you've been eying matrix
displays but hesitated because of the complexity, this is the solution you've been looking for!
Technical Details
o
Backpack Dimensions: 72mm x 32mm x 2mm / 1.25" x 2.8" x .08"
o
Matrix Dimensions: 32mm x 32mm x 7mm / 1.3" x 1.3" x .3"
o
Pin Length: 13mm / 0.5"
This board/chip uses I2C 7-bit addresses between 0x70-0x77, selectable with jumpers.
                                 Engineered in NYC Adafruit ® https://www.adafruit.com/product/2039 5‐5‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com