Electronic Components Datasheet Search
  English  ▼

X  

2173 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2173
Description  8mm Chromed Metal Wide Bevel LED Holder - Pack of 5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2173 Datasheet(HTML) 1 Page - Adafruit Industries

  2173 Datasheet HTML 1Page - Adafruit Industries 2173 Datasheet HTML 2Page - Adafruit Industries 2173 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8mm Chromed Metal Wide Bevel LED Holder
- Pack of 5
PRODUCT ID: 2173


Similar Part No. - 2173

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2173 ALPHAWIRE-2173 Datasheet
101Kb / 3P
Customer SpecificationS
9/14/2022
2173 ALPHAWIRE-2173 Datasheet
64Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
9/28/2004
2173 SV005 ALPHAWIRE-2173 SV005 Datasheet
95Kb / 3P
Customer Specification
6/23/2023
logo
Littelfuse
2173.15 LITTELFUSE-2173.15 Datasheet
96Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
2173.15 LITTELFUSE-2173.15 Datasheet
133Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
More results

Similar Description - 2173

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL320-1G13 P-TEC-PL320-1G13 Datasheet
30Kb / 1P
3mm LED Panel Mount Metal Holder
PL320-1G13-2 P-TEC-PL320-1G13-2 Datasheet
30Kb / 1P
3mm LED Panel Mount Metal Holder
PL320-1Y01-2 P-TEC-PL320-1Y01-2 Datasheet
30Kb / 1P
3mm LED Panel Mount Metal Holder
PL321-1Y01 P-TEC-PL321-1Y01 Datasheet
30Kb / 1P
3mm LED Panel Mount Metal Holder
PL523-1G13 P-TEC-PL523-1G13 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL523-1R12 P-TEC-PL523-1R12 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL523-1R12-2 P-TEC-PL523-1R12-2 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1G13 P-TEC-PL524-1G13 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1Y01 P-TEC-PL524-1Y01 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1R12-2V P-TEC-PL524-1R12-2V Datasheet
77Kb / 1P
5mm LED Panel Mount Metal Holder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com