Electronic Components Datasheet Search
  English  ▼

X  

IMX2378F Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # IMX2378F
Description  Off-Line Zero Voltage Switching (ZVS) Flyback Switcher IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

IMX2378F Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button IMX2378F Datasheet HTML 20Page - Power Integrations, Inc. IMX2378F Datasheet HTML 21Page - Power Integrations, Inc. IMX2378F Datasheet HTML 22Page - Power Integrations, Inc. IMX2378F Datasheet HTML 23Page - Power Integrations, Inc. IMX2378F Datasheet HTML 24Page - Power Integrations, Inc. IMX2378F Datasheet HTML 25Page - Power Integrations, Inc. IMX2378F Datasheet HTML 26Page - Power Integrations, Inc. IMX2378F Datasheet HTML 27Page - Power Integrations, Inc. IMX2378F Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Rev. D 12/24
24
InnoMux2-EP
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V
T
J = -40 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Recommended Output Voltage Range (cont.)
VLED Recommended
Voltage Range
V
LED
9
200
V
Feedback
FEEDBACK Pin
Regulation Voltage
V
FB(REG)
T
J = 25 °C
1.208
1.220
1.234
V
Overvoltage Threshold
VCV1, VCV2
V
FB(OVP)
T
J = 25 °C
112% of
V
FB(REG)
V
Overvoltage Threshold
VCVHV
V
FB(OVP)VCVHV
T
J = 25 °C
120% of
V
FB(REG)
V
Overvoltage Threshold
VLED
V
FB(OVP)VLED
T
J = 25 °C
116% of
V
FB(REG)
V
LV Shunt Threshold
V
LV(SHUNT)
T
J = 25 °C
104% of
V
FB(REG)
V
Maximum LV Shunt
Current
I
LV(SHUNT)
30
mA
HV Shunt Threshold
V
HV(SHUNT)
V
CVHV
104% of
V
FB(REG)
V
LED
108% of
V
FB(REG)
Maximum HV Shunt
Current
I
HV(SHUNT)
V
CVHV
9
mA
V
LED < 50 V
8
mA
V
LED < 100 V
4.1
mA
V
LED < 150 V
3.3
mA
V
LED > 150 V
2.1
mA
FEEDBACK Pin
Short-Circuit
V
FB(OFF)
T
J = 25 °C
48
mV
Led Control
Frequency Range
PWM Dimming
PWM
F(RANGE)
90
1,000
Hz
Frequency Range
Filtered PWM Dimming
FPWM
F(RANGE)
90
30,000
HZ
Minimum On-Time
PWM Dimming
t
LED(ON)MIN
12
μ
s
Minimum Off-Time
PWM Dimming
t
LED(OFF)MIN
Limits the maximum duty cycle before reach
100%
1
μ
s
DIM1, DIM2 Pin Digital
Input Thresholds
V
IL
0.8
V
V
IH
2.0
V
DIM1 Pin Maximum
Analog Dimming Voltage
V
ADIM(MAX)
3.0
V
DIM1 Pin Analog
Dimming Enable
Threshold
V
ADIM(ENABLE)
100
120
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com