Electronic Components Datasheet Search
  English  ▼

X  

RP2350B Datasheet(PDF) 2 Page - Raspberry Pi Holdings PLC

Part # RP2350B
Description  high-performance, secure microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

RP2350B Datasheet(HTML) 2 Page - Raspberry Pi Holdings PLC

  RP2350B Datasheet HTML 1Page - Raspberry Pi Holdings PLC RP2350B Datasheet HTML 2Page - Raspberry Pi Holdings PLC RP2350B Datasheet HTML 3Page - Raspberry Pi Holdings PLC RP2350B Datasheet HTML 4Page - Raspberry Pi Holdings PLC RP2350B Datasheet HTML 5Page - Raspberry Pi Holdings PLC RP2350B Datasheet HTML 6Page - Raspberry Pi Holdings PLC RP2350B Datasheet HTML 7Page - Raspberry Pi Holdings PLC RP2350B Datasheet HTML 8Page - Raspberry Pi Holdings PLC RP2350B Datasheet HTML 9Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Overview
RP2350 is the new high-performance, secure microcontroller from Raspberry Pi. With a
higher core clock speed, double the on-chip SRAM, more powerful Arm cores, optional
RISC-V cores, new security features, and upgraded interfacing capabilities, RP2350
delivers a significant performance and feature boost over its predecessor, RP2040.
RP2350 provides a comprehensive security architecture, built around Arm TrustZone
for Cortex-M, and incorporating signed boot, 8KB of antifuse OTP for key storage,
SHA-256 acceleration, a hardware TRNG, and fast glitch detectors. These features,
including the secure boot ROM, are extensively documented and available to all users
without restriction: this transparent approach, which contrasts with the “security through
obscurity” offered by legacy vendors, allows professional users to integrate RP2350 into
products with confidence.
The unique dual-core, dual-architecture capability of RP2350 allows users to choose
between a pair of industry-standard Arm Cortex-M33 cores, and a pair of open-hardware
Hazard3 RISC-V cores. Three high-performance Programmable I/O (PIO) co-processors,
with a total of twelve independent state machines, support software-defined interfacing,
with little or no CPU overhead.
RP2350 offers best-in-class performance for a vast range of applications, from cost-
optimised embedded computing, to secure applications requiring trusted firmware, to
industrial IoT deployments with demanding I/O requirements. It is available in four package
variants: with 30 or 48 GPIO pins, and with or without 2MB stacked flash memory.
22
RP2350 – Raspberry Pi Ltd



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com