Electronic Components Datasheet Search
  English  ▼

X  

S80413 Datasheet(PDF) 2 Page - Springmasters Ltd

Part # S80413
Description  Stainless Disc Springs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPRINGMASTERS [Springmasters Ltd]
Direct Link  https://www.springmasters.com/
Logo SPRINGMASTERS - Springmasters Ltd

S80413 Datasheet(HTML) 2 Page - Springmasters Ltd

  S80413 Datasheet HTML 1Page - Springmasters Ltd S80413 Datasheet HTML 2Page - Springmasters Ltd S80413 Datasheet HTML 3Page - Springmasters Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
30
15% Defl.
30% Defl.
45% Defl.
60% Defl.
75% Defl.
90% Defl.
Defl.
Force
Defl.
Force
Defl.
Force
Defl.
Force
Defl.
Force
Defl.
Force
Outer
Inner Thick. Cone Overall
Cone
Weight
mm
N
mm
N
mm
N
mm
N
mm
N
mm
N
Dia.
Dia.
Ht.
Ht.
Ht.
per
Stress
Stress
Stress
Stress
Stress
Stress
Code
(De)
(Di)
(t)
(ho)
(lo)
Thick.
1000
II
III
II
III
II
III
II
III
II
III
II
III
No.
mm
mm
mm
mm
mm
Ratio
pcs.
N/mm2
N/mm2
N/mm2
N/mm2
N/mm2
N/mm2
S2010205
20.0
10.2
.50
.65
1.15
1.30
.91
.10
86
.20
149
.29
191
.39
219
.49
234
.59
243
-14
241
7
459
64
656
155
829
281
981
442
1,110
S2010206
20.0
10.2
.60
.60
1.20
1.00
1.09
.09
106
.18
189
.27
253
.36
303
.45
342
.54
374
40
232
110
444
209
638
339
812
498
968
687
1,104
S2010208
20.0
10.2
.80
.55
1.35
.69
1.46
.08
176
.17
329
.25
463
.33
582
.41
690
.50
791
119
238
263
460
432
667
627
857
846
1,031
1,090
1,189
S2010209
20.0
10.2
.90
.50
1.40
.56
1.64
.08
207
.15
394
.23
565
.30
723
.38
872
.45
1,015
152
224
325
435
518
633
733
818
968
989
1,223
1,147
S201021
20.0
10.2
1.00
.55
1.55
.55
1.82
.08
311
.17
592
.25
850
.33
1,089
.41
1,315
.50
1,531
187
273
400
530
638
771
900
996
1,188
1,206
1,501
1,399
S2010211
20.0
10.2
1.10
.45
1.55
.41
2.01
.07
309
.14
601
.20
879
.27
1,145
.34
1,403
.41
1,655
204
223
425
435
663
637
918
828
1,190
1,008
1,478
1,178
S22511206
22.5
11.2
.60
.80
1.40
1.33
1.41
.12
147
.24
253
.36
324
.48
368
.60
392
.72
405
-21
279
-1
531
61
758
164
958
310
1,132
497
1,280
S22511208
22.5
11.2
.80
.65
1.45
.81
1.88
.10
180
.20
330
.29
455
.39
561
.49
653
.59
736
86
234
199
450
339
649
507
831
703
995
926
1,143
S225112125
22.5
11.2
1.25
.40
1.65
.32
2.93
.06
300
.12
589
.18
870
.24
1,143
.30
1,411
.36
1,676
181
163
373
319
575
468
787
611
1,010
747
1,244
877
S2512207
25.0
12.2
.70
.90
1.60
1.29
2.05
.14
202
.27
349
.41
450
.54
514
.68
553
.81
575
-12
285
18
543
91
776
207
981
365
1,161
566
1,314
S2512209
25.0
12.2
.90
.70
1.60
.78
2.64
.11
214
.21
395
.32
548
.42
680
.53
795
.63
901
92
221
209
425
352
614
521
787
716
944
936
1,085
S2512215
25.0
12.2
1.50
.40
1.90
.27
4.40
.06
406
.12
801
.18
1,188
.24
1,569
.30
1,944
.36
2,316
187
149
382
292
585
430
797
563
1,018
691
1,247
813
S2814208
28.0
14.2
.80
1.00
1.80
1.25
2.87
.15
265
.30
459
.45
594
.60
683
.75
739
.90
774
-7
294
29
562
107
802
227
1,016
389
1,203
593
1,363
S281421
28.0
14.2
1.00
.80
1.80
.80
3.59
.12
279
.24
513
.36
709
.48
876
.60
1,021
.72
1,153
87
235
201
452
342
652
510
835
706
1,001
928
1,150
S2814215
28.0
14.2
1.50
.50
2.00
.33
5.39
.08
426
.15
835
.23
1,231
.30
1,615
.38
1,992
.45
2,364
173
162
356
317
550
466
755
608
970
743
1,195
872
S31516308
31.5
16.3
.80
1.05
1.85
1.31
3.58
.16
235
.32
404
.47
519
.63
592
.79
634
.95
656
-17
256
3
488
59
697
153
881
284
1,042
451
1,179
S315163125
31.5
16.3
1.25
.75
2.00
.60
5.60
.11
349
.23
661
.34
941
.45
1,198
.56
1,437
.68
1,664
119
197
257
381
413
554
589
714
783
862
997
998
S315163175
31.5
16.3
1.75
.55
2.30
.31
7.84
.08
590
.17
1,159
.25
1,711
.33
2,250
.41
2,779
.50
3,302
179
165
368
324
567
476
777
622
997
761
1,226
894
S35518309
35.5
18.3
.90
1.15
2.05
1.28
5.13
.17
279
.35
482
.52
622
.69
713
.86
767
1.04
800
-11
244
13
465
73
664
167
840
295
994
459
1,126
S355183125
35.5
18.3
1.25
1.00
2.25
.80
7.13
.15
428
.30
787
.45
1,088
.60
1,344
.75
1,567
.90
1,769
84
232
195
447
332
645
495
826
685
990
901
1,137
S402041
40.0
20.4
1.00
1.30
2.30
1.30
7.30
.20
345
.39
595
.59
766
.78
874
.98
938
1.17
973
-14
241
7
459
64
656
155
829
281
981
442
1,110
S4020415
40.0
20.4
1.50
.95
2.45
.63
10.95
.14
481
.29
906
.43
1,285
.57
1,628
.71
1,944
.86
2,244
106
187
231
361
375
524
537
675
718
814
918
940
S45224125
45.0
22.4
1.25
1.60
2.85
1.28
11.74
.24
635
.48
1,097
.72
1,415
.96
1,620
1.20
1,744
1.44
1,816
204
977
359
1,156
556
1,309
Stainless Disc Springs
Material:
X12CrNi 17 7 (DIN 1.4310)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com