Electronic Components Datasheet Search
  English  ▼

X  

2181 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 2181
Description  MALE/FEMALE THREADED STANDOFFS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

2181 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  2181 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.250 [6.4]
THREAD
THREAD
A
A
L
4-40 THREAD
STAINLESS
L
STEEL
BRASS
ALUMINUM
LENGTH
CAT NO.
CAT NO.
CAT NO.
.250 (6.4)***
8715
8716
8717
.375 (9.5)**
2119
7210
8413
.500 (12.7)
2120
1952
8414
.625 (15.9)
2121
1953
8415
.750 (19.1)
2122
1954
8416
.875 (22.2)
2123
7211
8417
1.000 (25.4)
2124
1644
8418
1.125 (28.6)
2125
7212
8419
1.250 (31.8)
2126
1955
8420
1.375 (34.9)
2127
1956
8421
1.500 (38.1)
2128
1645
8422
1.625 (41.3)
2129
7214
8423
1.750 (44.5)
2130
7215
8424
2.000 (50.8)
2131
1646
8425
THREAD SIZE
L
4-40
6-32
8-32
LENGTH
CAT. NO. CAT. NO.
CAT. NO.
.250 (6.4)***
4800
4814
4828
.375 (9.5)
4801
4815
4829**
.500 (12.7)
4802
4816
4830
.600 (15.2)*
4799
-
-
.625 (15.9)
4803
4817
4831
.750 (19.1)
4804
4818
4832
.875 (22.2)
4805
4819
4833
1.000 (25.4)
4806
4820
4834
1.125 (28.6)
4807
4821
4835
1.250 (31.8)
4808
4822
4836
1.375 (34.9)
4809
4823
4837
1.500 (38.1)
4810
4824
4838
1.625 (41.3)
4811
4825
4839
1.750 (44.5)
4812
4826
4840
2.000 (50.8)
4813
4827
4841
THREAD
SIZE
A
4-40
.187 (4.7)
6-32
250 (6.4)
8-32
.375 (9.5)
8-32 THREAD
STAINLESS
L
STEEL
BRASS
ALUMINUM
LENGTH
CAT NO.
CAT NO.
CAT NO.
.250 (6.4)***
8731
8732
8733
.375 (9.5)**
2149
7220
8426
.500 (12.7)
2150
1957
8427
.625 (15.9)
2151
1958
8428
.750 (19.1)
2152
1959
8429
.875 (22.2)
2153
7221
8430
1.000 (25.4)
2154
1960
8431
1.125 (28.6)
2155
7222
8432
1.250 (31.8)
2156
1961
8433
1.375 (34.9)
2157
1962
8434
1.500 (38.1)
2158
1963
8435
1.625 (41.3)
2159
7224
8436
1.750 (44.5)
2160
7225
8437
2.000 (50.8)
2161
1964
8438
2.500 (63.5)
2180
1965
8439
3.000 (76.2)
2181
1966
8440
6-32 THREAD
STAINLESS
L
STEEL
BRASS
ALUMINUM
LENGTH
CAT NO.
CAT NO.
CAT NO.
.250 (6.4)***
8712
8713
8714
.375 (9.5)
2087
7200
8400
.500 (12.7)
2088
1944
8401
.600 (15.2)*
5799
8799
6799
.625 (15.9)
2089
1945
8402
.750 (19.1)
2090
1946
8403
.875 (22.2)
2091
7201
8404
1.000 (25.4)
2092
1947
8405
1.125 (28.6)
2093
7202
8406
1.250 (31.8)
2094
1948
8407
1.375 (34.9)
2095
1949
8408
1.500 (38.1)
2096
1950
8409
1.625 (41.3)
2097
7203
8410
1.750 (44.5)
2098
7205
8411
2.000 (50.8)
2099
1951
8412
CHOICE OF:
Stainless: ASTM A581/A582
Brass: ASTM-B16
Aluminum: ASTM B211
Plating: Nickel (QQ-N-290)
Plating: Clear Iridite (Mil-C-5541)
MALE/FEMALE THREADED STANDOFFS
70
MATERIAL: Nylon 6/6
PC 104 MOUNTING KITS
NYLON STANDOFFS
MALE/FEMALE STANDOFFS
* PC/104 Standard Length
** Internal Thread .250 (6.4) Deep
*** Internal Thread .130 (3.3)/.150 (3.8) Deep
* Aluminum and brass kits supplied with steel hardware.
*PC/104 Standard Length
***Internal Thread .130 (3.3)/.150 (3.8) Deep
** Internal Thread .250 (6.4) Deep
*** Internal Thread .130 (3.3)/.150 (3.8) Deep
** Internal Thread .250 (6.4) Deep
*** Internal Thread .130 (3.3)/.150 (3.8) Deep
.250 [6.4]
THREAD
THREAD
L
A
TL
Application Note:
For PC/104 applications
use CAT. NO. 4799
THREAD
TL
A
SIZE
EXTERNAL
INTERNAL
4-40
.187 (4.7)
.250 (6.4)
6-32
.250 (6.4)
.375 (9.5)
8-32
.375 (9.5)
.375 (9.5)
Application Note:
For PC/104 applications use
length .600 (15.3) 4-40 Thread
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
• Designed to ease the assembly of new modules and multi-board stacks.
• Each kit includes all the hardware that is required to mount a single-board.
Complete Kit
Includes Four (4) each:
CAT. NO.
Kit Description
Standoff
Screw
Nut
4799-4
Nylon
4799
9328
9605
5799-4
Stainless Steel
5799
9901
7248-3
6799-4
Aluminum
6799
9301*
9600*
8799-4
Brass
8799
9301*
9600*
4-40 SCREW
4-40 HEX NUT
PC104 STANDOFF
.600 [15.2]
.187 [4.7]
.375 [9.5]
M60Section4FREV1A-COLOR_9-2011 4/4/13 5:05PM Page70


Similar Part No. - 2181

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
2181 GILWAY-2181 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
KR Electronics, Inc.
2181 KR-2181 Datasheet
29Kb / 1P
Lowpass Filter
logo
List of Unclassifed Man...
2181 ETC2-2181 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Alpha Wire
2181 ALPHAWIRE-2181 Datasheet
101Kb / 3P
Customer Specification
9/14/2022
logo
Littelfuse
218100 LITTELFUSE-218100 Datasheet
216Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
More results

Similar Description - 2181

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1887 ETC2-1887 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
2093 ETC2-2093 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2149 ETC2-2149 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
1895 ETC2-1895 Datasheet
230Kb / 1P
THREADED STANDOFFS
1628-2 ETC2-1628-2 Datasheet
336Kb / 1P
SWAGE THREADED STANDOFFS
1858 ETC2-1858 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
8441B ETC2-8441B Datasheet
93Kb / 2P
THREADED STANDOFFS
logo
RAF ELECTRONIC HARDWARE
4500-632-SS RAF-4500-632-SS Datasheet
87Kb / 1P
3/16 HEX MALE FEMALE STANDOFFS
4500T-440-AL RAF-4500T-440-AL Datasheet
91Kb / 1P
3/16 HEX MALE FEMALE STANDOFFS
4501-256-AL RAF-4501-256-AL Datasheet
104Kb / 1P
3/16 HEX MALE FEMALE STANDOFFS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com