Electronic Components Datasheet Search
  English  ▼

X  

081464 Datasheet(PDF) 1 Page - Sharpie

Part # 081464
Description  Catalogue 2009
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARPIE [Sharpie]
Direct Link  https://www.sharpie.com/
Logo SHARPIE - Sharpie

081464 Datasheet(HTML) 1 Page - Sharpie

  081464 Datasheet HTML 1Page - Sharpie 081464 Datasheet HTML 2Page - Sharpie 081464 Datasheet HTML 3Page - Sharpie 081464 Datasheet HTML 4Page - Sharpie  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WWW.sharpie.com
SANFORD AUSTRIA GmbH
Schottenring 14
1010 Wien – Austria
Tel: + 43 120 609 1075
NEWELL RUBBERMAID BELGIUM SA/NV
Sanford Brands
Waterloo Office Park, Building O
Drève Richelle 161/34
B-1410 Waterloo - Belgium
Tel: + 32 (0)2 777 16 99
SANFORD ECRITURE SAS
122 avenue du Général Leclerc
92100 Boulogne Billancourt – France
Tel : + 33 (0) 1 46 84 42 70
SANFORD GmbH
Schnackenburgallee 45
22525 Hamburg - Deutschland
Tel: + 49 40 85 55-0
SANFORD LLC & CIS – RUSSIA
6, Gasheka str.
125047 Moscow – Russia
Tel: + 7 495 797 97 23
NEWELL RUBBERMAID IBERIA SL
c/Doña Juana I de Castilla, 24-Bajo
28027 Madrid – España
Tel: + 34 91 743 0023
SANFORD (SCHWEIZ) AG
Moosmattstrasse 27
8953 Dietikon – Switzerland
Tel: + 41 44 745 74 74
NEWELL LIMITED UK
Halifax Avenue
Fradley Park
Lichfield
Staffordshire - UK
WS13 8SS
SANFORD ITALY s.r.l.
Via Ugo Bassi, 21
20159 Milano – Italy
Tel: + 39 02 66 8961
NEWELL RUBBERMAID DENMARK A/S
Industriholmen 15A
DK - 2650 Hvidovre
Denmark
Tel: +45 36 88 35 88
NEWELL RUBBERMAID POLAND S.A.
ul.Gospodarcza 12,
40-432 Katowice - Poland
Tel: + 48 32 73 59 700
SANFORD PORTUGAL
Alameda Fernão Lopes, n° 16-A, 4º
MIRAFLORES
1495-190 Algés - Portugal
Tel : + 351 21 412 2500
Catalogue
2009
S0861830
3 501170 861837


Similar Part No. - 081464

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
08146 QUALTEK-08146 Datasheet
221Kb / 1P
WIRE FORM FAN GUARD (120mm)
logo
PHOENIX CONTACT
0814652 PHOENIX-0814652 Datasheet
177Kb / 5P
GPA/SK 296X200X0,8 ... - Engraving plate for outdoor use
0814681 PHOENIX-0814681 Datasheet
235Kb / 5P
NS 35/ 7,5 AL PERF 2000MM - DIN rail perforated
More results

Similar Description - 081464

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
Shortform Catalogue
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
ARINC 429 May 2009 Terminal IC with SPI Interface
logo
Cooper Bussmann, Inc.
011-9127 COOPER-011-9127 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
Amphenol Preferred Parts Catalogue
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
74LV541PW-118 PHILIPS-74LV541PW-118 Datasheet
107Kb / 15P
Octal buffer/line driver; 3-state Rev. 03 ??14 April 2009
Rev. 03-14 April 2009
logo
Kemet Corporation
LDECD3470JA5N00 KEMET-LDECD3470JA5N00 Datasheet
1Mb / 16P
SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
SMD Film Capacitors Catalogue
LDEID3100KA0N00 KEMET-LDEID3100KA0N00 Datasheet
1Mb / 16P
SMD Film Capacitors Catalogue
logo
Texas Instruments
BQ24045 TI-BQ24045_15 Datasheet
1Mb / 38P
SLUS941F ?밪EPTEMBER 2009?밨EVISED MARCH 2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com