Electronic Components Datasheet Search
  English  ▼

X  

ST1S09PU Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1S09PU
Description  2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09PU Datasheet(HTML) 1 Page - STMicroelectronics

  ST1S09PU Datasheet HTML 1Page - STMicroelectronics ST1S09PU Datasheet HTML 2Page - STMicroelectronics ST1S09PU Datasheet HTML 3Page - STMicroelectronics ST1S09PU Datasheet HTML 4Page - STMicroelectronics ST1S09PU Datasheet HTML 5Page - STMicroelectronics ST1S09PU Datasheet HTML 6Page - STMicroelectronics ST1S09PU Datasheet HTML 7Page - STMicroelectronics ST1S09PU Datasheet HTML 8Page - STMicroelectronics ST1S09PU Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
July 2007
Rev. 2
1/18
18
ST1S09
2A, 1.5 MHz PWM step-down switching regulator
with synchronous rectification
Features
■ 1.5MHz fixed frequency PWM with current
control mode
■ 2A output current capability
■ Typical efficiency: > 90%
■ 2% DC output voltage tolerance
■ Two versions available: Power Good or Inhibit
■ Integrated output over-voltage protection
■ Non switching quiescent current: (typ) 1.5mA
over temperature range
■ RDSON (typ) 100mΩ
■ Utilizes tiny capacitors and inductors
■ Operating junction temp. -30°C to 125°C
■ Available in DFN6 3x3mm exposed pad
Description
The ST1S09 is a step-down DC-DC converter
optimized for powering low output voltage
applications. It supplies a current in excess of 2A
over an input voltage range from 2.7V to 6V.
A high PWM switching frequency (1.5MHz) allows
the use of tiny surface-mount components.
Moreover, since the required synchronous
rectifier is integrated, the number of the external
components is reduced to minimum: a resistor
divider, an inductor and two capacitors. The
Power Good function continuously monitors the
output voltage. An open drain power good flag is
released when the output voltage is within
regulation. In addition, a low output ripple is
guaranteed by the current mode PWM topology
and by the use of low E.S.R. SMD ceramic
capacitors. The device is thermally protected and
the output current limited to prevent damages due
to accidental short circuit. The ST1S09 is
available in the DFN6 3x3mm package.
DFN6 (3x3mm)
www.st.com
Table 1.
Devices summary
Order codes
Packaging
Package
ST1S09PU
ST1S09PUR
DFN6D (3x3 mm)
ST1S09APU (1)
1.
Available on request.
ST1S09APUR
DFN6D (3x3 mm)
ST1S09IPU
ST1S09IPUR
DFN6D (3x3 mm)


Similar Part No. - ST1S09PU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S09PU STMICROELECTRONICS-ST1S09PU Datasheet
417Kb / 18P
2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
31-Jan-2008
ST1S09PUR STMICROELECTRONICS-ST1S09PUR Datasheet
387Kb / 18P
2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
19-Apr-2010
More results

Similar Description - ST1S09PU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD9721FV ETC-BD9721FV Datasheet
81Kb / 2P
1 CHANNEL STEP DOWN PWM SWITCHING REGULATOR CONTROLLER WITH SYNCHRONOUS RECTIFICATION
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
4A step-down switching regulator with synchronous rectification
08-Aug-2006
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
18-Mar-2008
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
15-Apr-2008
ST1S09 STMICROELECTRONICS-ST1S09_08 Datasheet
417Kb / 18P
2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
31-Jan-2008
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
28-Jul-2009
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
19-Apr-2010
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
09-Sep-2010
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
18-May-2012
logo
Exar Corporation
XRP7674 EXAR-XRP7674 Datasheet
737Kb / 12P
2A 18V Synchronous PFM/PWM Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com