Electronic Components Datasheet Search
  English  ▼

X  

STA2058 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA2058
Description  Teseo GPS Platform high-sensitivity baseband
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2058 Datasheet(HTML) 4 Page - STMicroelectronics

  STA2058 Datasheet HTML 1Page - STMicroelectronics STA2058 Datasheet HTML 2Page - STMicroelectronics STA2058 Datasheet HTML 3Page - STMicroelectronics STA2058 Datasheet HTML 4Page - STMicroelectronics STA2058 Datasheet HTML 5Page - STMicroelectronics STA2058 Datasheet HTML 6Page - STMicroelectronics STA2058 Datasheet HTML 7Page - STMicroelectronics STA2058 Datasheet HTML 8Page - STMicroelectronics STA2058 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Features summary
STA2058
4/20
●
Two I2C Interfaces provide multi-master and slave functions, support normal and fast
I2C mode (400 KHz), 7/10 bit addressing modes. One I2C Interface is multiplexed with
one SPI, so either 2 x SPI + 1 x I2C or 1 x SPI + 2 x I2C may be used at a time.
●
Enhanced Interrupt Controller supports 32 interrupt vectors, independently maskable,
with interrupt vector table for faster response and 16 priority levels, software
programmable for each source. Up to 2 maskable interrupts may be mapped on FIQ.
●
Wake-up unit allows exiting from power down modes by detection of an event on two
external pins (one is active high and other is active low) or on internal Real Time Clock
alarm.
●
USB unit V1.1 compliant, software configurable endpoint setting, USB
Suspend/Resume support
●
High Level Data Link Controller (HDLC) unit supports full duplex operating mode, NRZ,
NRZI, FM0 and MANCHESTER modes, and internal 8-bit Baud Rate Generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com