Electronic Components Datasheet Search
  English  ▼

X  

TMS28F002AXY Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS28F002AXY
Description  262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F002AXY Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS28F002AXY Datasheet HTML 67Page - Texas Instruments TMS28F002AXY Datasheet HTML 68Page - Texas Instruments TMS28F002AXY Datasheet HTML 69Page - Texas Instruments TMS28F002AXY Datasheet HTML 70Page - Texas Instruments TMS28F002AXY Datasheet HTML 71Page - Texas Instruments TMS28F002AXY Datasheet HTML 72Page - Texas Instruments TMS28F002AXY Datasheet HTML 73Page - Texas Instruments TMS28F002AXY Datasheet HTML 74Page - Texas Instruments TMS28F002AXY Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
TMS28F002Axy, TMS28F200Axy
262144 BY 8-BIT/131072 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS826D – JANUARY 1996 – REVISED SEPTEMBER 1997
71
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
VPP
RP
W
G
E
Write
Read-Array
Command
Read Status-
Register Bits
Automated
Byte- / Word-
Programming
Write Valid
Address or
Data
Write
Program-Setup
Command
Power Up
and
Standby
Data
FFh
Valid SR
tc(W)
tsu(A)
th(A)
tsu(E)
th(E)
tw( WH )
tc( W )OP
tw( W )
tsu(D)
th(D)
trec(RPHW)
tsu(RP)
th(RP)
th( VPP)
tsu( VPP)1
Hi-Z
Hi-Z
Hi-Z
40h or 10h
DQ0 – DQ7
(byte-wide)
DQ0 – DQ15
(word-wide)
th(WP)
tsu(WP)
WP
A –1 – A16
(byte-wide)
A0 – A16
(word-wide)
Figure 12. Write-Cycle Timing ( W-Controlled Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com