Electronic Components Datasheet Search
  English  ▼

X  

UCC15701/2 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC15701/2
Description  Advanced Voltage Mode Pulse Width Modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC15701/2 Datasheet(HTML) 4 Page - Texas Instruments

  UCC15701/2 Datasheet HTML 1Page - Texas Instruments UCC15701/2 Datasheet HTML 2Page - Texas Instruments UCC15701/2 Datasheet HTML 3Page - Texas Instruments UCC15701/2 Datasheet HTML 4Page - Texas Instruments UCC15701/2 Datasheet HTML 5Page - Texas Instruments UCC15701/2 Datasheet HTML 6Page - Texas Instruments UCC15701/2 Datasheet HTML 7Page - Texas Instruments UCC15701/2 Datasheet HTML 8Page - Texas Instruments UCC15701/2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
UCC15701/2
UCC25701/2
UCC35701/2
PIN DESCRIPTIONS
VDD: Power supply pin. A shunt regulator limits supply
voltage to 14V typical at 10mA shunt current.
PGND: Power Ground. Ground return for output driver
and currents.
GND: Analog Ground. Ground return for all other circuits.
This pin must be connected directly to PGND on the
board.
OUT: Gate drive output. Output resistance is 10
W maxi-
mum.
VFF: Voltage feedforward pin. This pin connects to the
power supply input voltage through a resistive divider
and provides feedforward compensation over a 0.8V to
3.2V range.
A voltage greater than 4.0V or less than
0.6V on this pin initiates a soft stop cycle.
RT: The voltage on this pin mirrors VFF over a 0.8V to
3.2V range. A resistor to ground sets the ramp capacitor
charge current.
The resistor value should be between
20k and 200k.
CT: A capacitor to ground provides the oscillator/
feedforward sawtooth waveform. Charge current is 2
·
IRT, resulting in a CT slope proportional to the input volt-
age. The ramp voltage range is GND to VRT.
Period and oscillator frequency is given by:
T
VC
I
tR
C
RT
T
RT
DIS CH
T
T
=
·
·
+»
·
·
2
05
.
F
RT CT
»
·
2
8
FB
9
VSCLAMP
10
CT
3VDD
5.0V
REF
SS
2
ILIM
1
COUNT
14
13 GND
4OUT
5PGND
12 VREF
0.7V
13/9V (35701)
9.6/8.8V (35702)
SSDONE
7
RT
6
VFF
11
SYNC
4.5V
4V
VREF
0.6V
0.2V
CURRENT FAULT
CURRENT LIMIT
VREF
0.6V
4V
2*IRT
0.2V
3m A
I
25*I
RUN
I
IRT
PEAK
VALLEY
SHUTDOWN
LATCH
FAULT
LATCH
0.2V
VDD
HIGH LINE
LOW LINE
PWM
SQ
RD
S
Q RD
1.5R
R
RQ
SD
RQ
SD
SSDONE
PWM
DQ
R
DETAILED BLOCK DIAGRAM
UDG-98004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com