Electronic Components Datasheet Search
  English  ▼

X  

UCC1973 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC1973
Description  BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC1973 Datasheet(HTML) 2 Page - Texas Instruments

  UCC1973 Datasheet HTML 1Page - Texas Instruments UCC1973 Datasheet HTML 2Page - Texas Instruments UCC1973 Datasheet HTML 3Page - Texas Instruments UCC1973 Datasheet HTML 4Page - Texas Instruments UCC1973 Datasheet HTML 5Page - Texas Instruments UCC1973 Datasheet HTML 6Page - Texas Instruments UCC1973 Datasheet HTML 7Page - Texas Instruments UCC1973 Datasheet HTML 8Page - Texas Instruments UCC1973 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
UCC1972/3
UCC2972/3
UCC3972/3
TSSOP-8 (TOP VIEW)
PW Package
ABSOLUTE MAXIMUM RATINGS
VBAT ......................................... +27V
VDD Maximum Forced Current .................... 30mA
Maximum Forced Voltage ..........................17V
BUCK .................................. –5V to VBAT
MODE ................................. –0.3V to 4.0V
MODE Maximum Forced Current ..................300
mA
Operating Junction Temperature .......... –55°C to +150°C
Storage Temperature ................... –65°C to +150°C
Unless otherwise indicated, currents are positive into, negative
out of the specified terminal. Pulse is defined as less than 10%
duty cycle with a maximum duration of 500
ms. Consult Pack-
aging Section of Databook for thermal limitations and consider-
ations of packages. All voltages are referenced to GND.
GND
OUT
VDD
MODE
VBAT
BUCK
COMP
FB
1
2
3
4
8
7
6
5
CONNECTION DIAGRAMS
ELECTRICAL CHARACTERISTICS:Unless otherwise specified these specifications hold for TA=0°C to +70°C for the
UC3972/3, –40°C to +85°C for the UC2972/3, and –55°C to +125°C for the UC1972/3; TA=TJ; VDD=VBAT=VBUCK=12V;
MODE=OPEN. For any tests with VBAT>17V, place a 1k resistor from VBAT to VDD.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input supply
VDD Supply Current
VDD = 12V
1
1.5
mA
VBAT = 25V
7
10.5
mA
VBAT Supply Current
VBAT = 12V
30
60
mA
VBAT = 25V
70
140
mA
VDD Regulator Turn-on Voltage
ISOURCE = 2mA to 10mA
17
18
19
V
VDD UVLO Threshold
Low to high
3.6
4
4.4
V
UVLO Threshold Hysteresis
100
200
300
mV
Output Section
Pull Down Resistance
ISINK = 10mA to 100mA
25
50
W
Pull Up Resistance
ISOURCE = 10mA to 100mA
25
50
W
Output Clamp Voltage
VBAT = 25V, Shunt Regulator on
16
18
V
Output Low
MODE = 0.5V, ISINK = 1mA
0.05
0.2
V
Rise Time
CL = 1nF, Note 1
200
ns
Fall Time
CL = 1nF, Note 1
200
ns
FB
MODE
GND
COMP
VDD
OUT
BUCK
VBAT
1
2
3
4
8
7
6
5
DIL-8 (TOP VIEW)
J, N Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com