Electronic Components Datasheet Search
  English  ▼

X  

UCC2972/3 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC2972/3
Description  BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC2972/3 Datasheet(HTML) 4 Page - Texas Instruments

  UCC2972/3 Datasheet HTML 1Page - Texas Instruments UCC2972/3 Datasheet HTML 2Page - Texas Instruments UCC2972/3 Datasheet HTML 3Page - Texas Instruments UCC2972/3 Datasheet HTML 4Page - Texas Instruments UCC2972/3 Datasheet HTML 5Page - Texas Instruments UCC2972/3 Datasheet HTML 6Page - Texas Instruments UCC2972/3 Datasheet HTML 7Page - Texas Instruments UCC2972/3 Datasheet HTML 8Page - Texas Instruments UCC2972/3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
UCC1972/3
UCC2972/3
UCC3972/3
BUCK: Senses the voltage on the top side of the induc-
tor feeding the resonant tank. The voltage at this point
is used to synchronize the internally generated ramp
and to detect whether an open lamp condition exists.
An open lamp condition exists when this voltage is be-
low the specified threshold for seven clock cycles. If the
MODE pin is held below the open lamp detect enable
threshold, this protective feature is disabled.
On the UCC3973, this pin is also used to sense an
over-voltage across the transformer primary. If the volt-
age at this pin exceeds the clamp threshold, current will
be sourced fron the FB pin.
COMP: Output of the error amplifier.Compensation
components set the bandwidth of the entire system and
are normally connected between COMP and FB. The
error amplifier averages lamp current against a fixed in-
ternal reference. The resulting voltage on the COMP
pin is compared to an internally generated ramp, set-
ting the PWM duty cycle. During UVLO, this pin is ac-
tively pulled low.
FB: This pin is the inverting input to the error amplifier.
On the UCC3973, current is sourced form this pin if the
clamp threshold is exceeded at the BUCK pin (see be-
low). The sourced current will reduce OUT duty cycle to
control transformer primary voltage. The source current
is disabled on the UCC3972.
GND: Ground reference for the IC.
MODE: The voltage on this pin is used to control start-up
and various modes of operation for the part (refer to the ta-
ble in the block diagram).
When the voltage is below 1V, OUT is forced low, open
lamp detection is disabled and the error amplifier is
tri-stated.
When the voltage is between 1V and 3V, OUT is enabled
and the error amplifier output is connected to COMP. Open
lamp detection is still disabled and a constant 20 A current
is sourced from this pin. Placing an appropriate value ex-
ternal capacitor between this pin and ground allows the
user to disable open lamp detection for a set period of time
at start-up to allow the lamp to strike.
When MODE reaches 3V, open lamp detection is enabled
and normal operation is activated.
OUT: Drives the buck regulator N-channel MOSFET. OUT
turn-on is synchronized to twice the tank resonant fre-
quency. OUT is actively pulled low when in UVLO, an
open lamp condition has been detected or MODE is less
than 1V.
VBAT: Positive input supply to power stage. This voltage is
required by internal control circuitry to provide open-lamp
detection and synchronization. Operating range is from
4.5V to 25V.
VDD: This pin connects to the battery voltage from which
the CCFL inverter will operate. If the potential on VBAT
can exceed 18V in the application, a series resistor must
be placed between VBAT and this pin (see applications
section). The voltage at the VDD pin will then be regulated
to 18V. This pin should be bypassed with a minimum ca-
pacitance of 0.1
mF.
PIN DESCRIPTIONS
0
200
400
600
800
8.7
9.2
9.7
VBAT -VBUCK
Clamp current vs. tank voltage for UCC3973.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com