Electronic Components Datasheet Search
  English  ▼

X  

917 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 917
Description  TERMINAL LUGS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

917 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  917 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT. NO.
H
STUD SIZE
7325
.120 (3.1)
#4
7326
.140 (3.6)
#6
7327
.171 (4.4)
#8
7340
.196 (5.0)
#10
CAT. NO.
H
STUD SIZE
7331
.120 (3.1)
#4
7332
.140 (3.6)
#6
7333
.171 (4.4)
#8
CAT. NO.
H
STUD SIZE
7328
.120 (3.1)
#4
7329
.140 (3.6)
#6
7330
.171 (4.4)
#8
CAT. NO.
H
STUD SIZE
7314
.120 (3.1)
#4
7315
.140 (3.6)
#6
7316
.171 (4.4)
#8
CAT. NO.
H
STUD SIZE
7317
.120 (3.1)
#4
7318
.140 (3.6)
#6
7319
.171 (4.4)
#8
4704
.196 (5.0)
#10
CAT. NO.
H
STUD SIZE
7311
.120 (3.1)
#4
7312
.140 (3.6)
#6
7313
.171 (4.4)
#8
CAT. NO.
H
STUD SIZE
909
.120 (3.1)
#4
916
.140 (3.6)
#6
917
.171 (4.4)
#8
MATERIAL: .018 (.46) Brass, Tin Plate
CAT. NO.
H
STUD SIZE
903
.120 (3.1)
#4
904
.140 (3.6)
#6
905
.171 (4.4)
#8
913
.196 (5.0)
#10
CAT. NO.
H
STUD SIZE
910
.120 (3.1)
#4
918
.140 (3.6)
#6
906
.171 (4.4)
#8
LOCKWASHER TERMINAL LUGS
58
MATERIAL: .020 (.51) Brass, Tin Plate
SOLDER TERMINAL LUGS
H
.281 [7.2]
.531
[13.5]
.080 [2.03]
RADIUS
.312
[7.9]
.076 [1.93]
DIA.
PC TERMINAL LUGS
MATERIAL: .016 (.40) Brass, Tin Plate
.250 [6.4]
.312
[7.9]
.515
[13.1]
.080 [2.03]
RADIUS
.093 [2.36]
DIA.
.136 [3.0]
H
.437
[11.1]
.687
[17.5]
.265 [6.8]
.140 [3.6]
.078 [1.98]
DIA.
H
.625
[15.9]
.875
[22.3]
.312 [7.9]
.171 [4.4]
.093 [2.36]
DIA.
.296
[7.5]
.464
[11.8]
.180 [4.6]
.093 [2.35]
I. DIA.
.078 [1.98]
RADIUS
.078 [1.98]
DIA.
H
.312 [7.9]
.234 [6.0]
.250
[6.4]
.640
[16.3]
.093 [2.36]
RADIUS
.093 [2.36]
DIA. (2) PLS
H
.218
[5.6]
.729
[18.6]
.312 [7.9]
.158 [4.1]
.156 [4.0]
.093 [2.36]
DIA.
H
.265
[6.8]
.312 [7.9]
.812
[20.6]
.234 [6.0]
.093 [2.36]
DIA.
.086 [2.17]
RADIUS
H
.312 [7.9]
.343
[8.7]
.718
[18.3]
.093 [2.36]
DIA. (2) PLS
.093 [2.36]
RADIUS
.125 [3.2]
H
.312 [7.9]
.500
[12.7]
.734
[18.7]
.156 [4.0]
.093 [2.36]
DIA.
H
.312 [7.9]
.625
[15.9]
.875
[22.2]
.171 [4.4]
.093 [2.36]
DIA.
MATERIAL: .015 (.38) Brass, Tin Plate
MATERIAL: .016 (.41) Brass, Tin Plate
MATERIAL: .020 (.51) Brass, Tin Plate
MATERIAL: .020 (.51) Brass, Tin Plate
MATERIAL: .018 (.46) Brass, Tin Plate
MATERIAL:.018 (.46) Brass, Tin Plate
CAT. NO. 680
CAT. NO. 4004
MATERIAL: .018 (.46) Brass, Tin Plate
MATERIAL: .013 (.33) Brass, Tin Plate
MATERIAL: .018 (.46) Brass, Tin Plate
MATERIAL: .018 (.46) Brass, Tin Plate
MATERIAL: .018 (.46) Brass, Tin Plate
CAT. NO. 907
H
.312 [7.9]
.375
[9.5]
.625
[15.9]
.093 [2.36]
RADIUS
.093 [2.36]
DIA.
.062 [1.57]
.156 [4.0]
.312 [7.9]
.390
[9.9]
.562
[14.3]
.130 [3.3]
DIA.
L
.075 [1.91]
.312 [7.9]
.130 [3.3]
DIA.
CAT. NO.
L
4000
.500 (12.7)
4001
.562 (14.3)
4002
.750 (19.1)
4003
1.000 (25.4)
CAT. NO.
H
STUD SIZE
908
.120 (3.1)
#4
914
.140 (3.6)
#6
915
.171 (4.4)
#8
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
M60Section3FREV1A1_11-2011 4/1/13 3:09PM Page58


Similar Part No. - 917

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
917 ALPHAWIRE-917 Datasheet
154Kb / 2P
M12?륚 Plastic Passive I/O Box
logo
Anderson Power Products...
917 APP-917 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
917 APP-917 Datasheet
151Kb / 2P
SB® 350 Connector
logo
Adafruit Industries
917 ADAFRUIT-917 Datasheet
277Kb / 3P
Rugged Metal On/Off Switch with White LED Ring - 16mm White On/Off
7-20-18
logo
Keysight Technologies
917 KEYSIGHT-917 Datasheet
1Mb / 18P
N6700 Modular Power System Family
January 13, 2017
More results

Similar Description - 917

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH111D-GR ETC2-12BH111D-GR Datasheet
180Kb / 1P
1 D Battery Holderwith Solder Lugs
logo
Neutrik AG
MAJ-501 NEUTRIK-MAJ-501 Datasheet
73Kb / 2P
Bantam jack, standard solder lugs
logo
3M Electronics
30000 3M-30000 Datasheet
234Kb / 8P
3M Scotchlok Copper Compression Lugs,
Rev E
logo
Vishay Siliconix
GWS VISHAY-GWS Datasheet
182Kb / 11P
Vitreous Wirewound Resistors with Lugs
19-Jul-16
ZWS VISHAY-ZWS Datasheet
190Kb / 11P
Cemented Wirewound Resistors with Lugs
19-Jul-16
logo
FIBOX Enclosing innovat...
8120830 FIBOX-8120830 Datasheet
59Kb / 2P
Wall mounting lugs set
11.01.2023
8120832 FIBOX-8120832 Datasheet
60Kb / 2P
Plastic Wall mounting lugs set
11.01.2023
8120833 FIBOX-8120833 Datasheet
62Kb / 2P
Plastic Wall mounting lugs set
11.01.2023
logo
Lapp.
61796480 LAPP-61796480 Datasheet
259Kb / 4P
Tube cable lugs KR/ KRT/ KRF
16.08.2021
63104010 LAPP-63104010 Datasheet
229Kb / 3P
Insulated cable lugs
14.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com