Electronic Components Datasheet Search
  English  ▼

X  

MLX90316 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MLX90316
Description  Rotary Position Sensor IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90316 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MLX90316 Datasheet HTML 17Page - List of Unclassifed Manufacturers MLX90316 Datasheet HTML 18Page - List of Unclassifed Manufacturers MLX90316 Datasheet HTML 19Page - List of Unclassifed Manufacturers MLX90316 Datasheet HTML 20Page - List of Unclassifed Manufacturers MLX90316 Datasheet HTML 21Page - List of Unclassifed Manufacturers MLX90316 Datasheet HTML 22Page - List of Unclassifed Manufacturers MLX90316 Datasheet HTML 23Page - List of Unclassifed Manufacturers MLX90316 Datasheet HTML 24Page - List of Unclassifed Manufacturers MLX90316 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
MLX90316
Rotary Position Sensor IC
3901090316
Page 21 of 41
Data Sheet
Rev. 003
April 07
14.4.3. RGThresL, RGThresH Parameters
RGThresL & RGThresH define the boundaries within the gain setting (Rough Gain) is allowed to vary.
Outside this range, the output is set in diagnostic low.
14.5. FILTER
Parameter
Value
Unit
FHYST
0
… 11 ; step 0.04
deg
FILTER
0… 6
FSWAP
0
1
The MLX90316 includes 3 types of filters:
•
Hysteresis Filter: programmable by the FHYST parameter
•
Low Pass FIR Filters controlled with the Filter parameter
•
Low Pass IIR Filter controlled with the Filter parameter and the coefficients FILTER A1 and
FILTER A2
Note: if the parameter FSWAP is set to “1”, the filtering is active on the digital angle. If set to “0”, the
filtering is active on the output transfer function.
14.5.1. Hysteresis Filter
The FHYST parameter is a hysteresis filter. The output value of the IC is not updated when the digital step
is smaller than the programmed FHYST parameter value. The output value is modified when the
increment is bigger than the hysteresis. The hysteresis filter reduces therefore the resolution to a level
compatible with the internal noise of the IC. The hysteresis must be programmed to a value close to the
noise level.
Please note that for the programmable version, the FHYST parameter is set to 4 by default. If you do not
wish this feature, please set it to “0”.
14.5.2. FIR Filters
The MLX90316 features 6 FIR filter modes controlled with Filter = 0…5. The transfer function is described
below:
i
n
j
i
i
j
i
i
n
x
a
a
y
−
=
=
∑
∑
=
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com