Electronic Components Datasheet Search
  English  ▼

X  

C10108 Datasheet(PDF) 2 Page - Sumida Corporation

Part # C10108
Description  ADSL Transformer< SMD Type: CEP Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

C10108 Datasheet(HTML) 2 Page - Sumida Corporation

  C10108 Datasheet HTML 1Page - Sumida Corporation C10108 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADSL Transformer< SMD Type: CEP Series>
Type: CEP1311
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
Part No.
Inductance
(nom. µH)
Turns ratio
THD (dB) (TYP.)
Insulation
Application
C10100
440
2:1
Supplementary
ADSL CPE
C10108
1500
2:1
-84 Max.(30K,5.3V)
Supplementary
ADSL CPE
C10120
1500
2:1
-84 (30K,5.3V)
Supplementary
ADSL CPE
C10122
409
2:1
-84 (30K,2.22V)
Supplementary
ADSL CPE
C10136
100
2:1
-92.7 (100K,2.25V)
Supplementary
ADSL CPE
C10166
400
2.35:1
-92.5 (30K,5.3V)
Supplementary
ADSL CPE
C10192
500
2:1
-90 (50K,4.3V)
Supplementary
ADSL CPE
C10193
750
2:1
-90 (50K,4.3V)
Supplementary
ADSL CPE
C10194
1000
2:1
-99.4 (50K,4.3V)
Supplementary
ADSL CPE
C13100
3000
5.4:1
-78(5kHz 4V)
Supplementary
SHDSL
&
HDSL
4367-T135
3019
2.25:2.25:1
-86(5kHz 1V)
Supplementary
SHDSL
&
HDSL
C15111
4000
1:1
Splitter
C15112
5000
1:1
Splitter
C14111
400
2.8:1
-90(100K,5V)
Supplementary
VDSL
C14112
750
5.33:1
-75(25K,2V)
Supplementary
VDSL
C14114
1000
1:1
-85(25K,2V)
Supplementary
VDSL
C14116
470
1.33:1
-83(25K,2V)
Supplementary
VDSL
C14121
100
2.8:1
-90.9(100K,4V)
Supplementary
VDSL
C14122
750
2:1
-77(25K,2V)
Supplementary
VDSL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com