Electronic Components Datasheet Search
  English  ▼

X  

MLX10803 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MLX10803
Description  Automotive high power LED driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX10803 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MLX10803 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX10803 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
IC specification
MLX10803
Automotive high power LED driver
3901010803
Page 9/25
Rev 018
28/SEP/05
Author: ALX, VAR
revised: TFR/VAR
RESET related parameters
Power on reset level, if
VS/PWM is ramped up
vporh
(Reset is
connected to the
internal VDD, but
vporh is measured
on pin VS/PWM)
3.0
4.0
V
VDD related parameters (VDD used internally only)
Internal supply voltage
range
vdd
VS/PWM=13.8V
4.5
5.5
V
Monoflop related parameters
Minimum OFF time due to
the implemented jitter
toffmin1mhz
Oscillator is set to
1 MHz, in case the
oscillator is put to
an other
frequency,
toffmin1MHz
scales accordingly
7
µs
Maximum OFF time due
to the implemented jitter
toffmax1mhz
Oscillator is set to
1 MHz, in case the
osc is put to an
other frequency,
toffmax 1MHz
scales accordingly
14
µs
Average monoflop time
for ON state of transistor
ton1mhz
Oscillator is set to
1 MHz
58.5
µs
RSENSE related parameters
Input leakage current
ileakrsense
-20
20
µA
Debounce time after
switching on
tdeb
200
400
ns
Threshold voltage on
RSENSE
vrsensethr
Minimum value of voltage on pins IREF2,
IREF1 and VREF divided by 5
IREF1 related parameters
Output current for
temperature
measurement
iiref1
47.5
52.5
µA
Temperature drift of the
current
iiref1drift
-0.1
%/C
Voltage range
viref1rng
VS/PWM=13V
0
3.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com