Electronic Components Datasheet Search
  English  ▼

X  

ZL40268 Datasheet(PDF) 49 Page - Microchip Technology

Part # ZL40268
Description  Low Skew, Low Additive Jitter 8 Output HCSL/LVDS/
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40268 Datasheet(HTML) 49 Page - Microchip Technology

Back Button ZL40268 Datasheet HTML 45Page - Microchip Technology ZL40268 Datasheet HTML 46Page - Microchip Technology ZL40268 Datasheet HTML 47Page - Microchip Technology ZL40268 Datasheet HTML 48Page - Microchip Technology ZL40268 Datasheet HTML 49Page - Microchip Technology ZL40268 Datasheet HTML 50Page - Microchip Technology ZL40268 Datasheet HTML 51Page - Microchip Technology ZL40268 Datasheet HTML 52Page - Microchip Technology ZL40268 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
 2020-2021 Microchip Technology Inc.
DS20006412C-page 49
ZL40268
FIGURE 5-2:
48-LEAD QFN 7 MM X 7 MM PACKAGE OUTLINE AND RECOMMENDED LAND
PATTERN
Microchip Technology Drawing C04-242 Rev B Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Pins
Overall Height
Terminal Width
Overall Width
Overall Length
Terminal Length
Exposed Pad Width
Exposed Pad Length
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
D
E2
D2
(A3)
e
L
E
N
0.50 BSC
0.20 REF
5.00
0.30
0.20
0.80
0.00
0.25
0.40
5.10
0.85
0.01
7.00 BSC
MILLIMETERS
MIN
NOM
48
5.20
0.50
0.30
0.90
0.05
MAX
-
0°
12°
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is punch singulated
Dimensioning and tolerancing per ASME Y14.5M
Mold Draft Angle
A2
0.60
0.65
0.70
E1
6.75 BSC
D1
Mold Cap Height
Molded Top Width
Molded Top Length
Terminal-to-Exposed-Pad
K
0.20
-
-
7.00 BSC
6.75 BSC
b
b1
L2
DETAIL A
L
L1
DETAIL B
Terminal Dimple Width
b1
0.10
0.15
0.20
Terminal Dimple Length (side)
Terminal Dimple Length (bottom)
L1
0.05
0.15
0.25
L2
0.05
0.10
0.15
Corner Chamfer
P
0.24
0.42
0.60
TERMINAL DIMPLES
48-Lead Plastic Quad Flat, No Lead Package (5E) - 7x7 mm Body [QFN], 0.40 mm Terminals
With 5.1x5.1 mm Exposed Pad; Punch Singulated, Dimpled Terminals
5.00
5.10
5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com