Electronic Components Datasheet Search
  English  ▼

X  

MLX90609 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MLX90609
Description  Angular Rate Sensor (Standard version)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MLX90609 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MLX90609 Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90609 Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90609 Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90609 Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX90609 Datasheet HTML 13Page - List of Unclassifed Manufacturers MLX90609 Datasheet HTML 14Page - List of Unclassifed Manufacturers MLX90609 Datasheet HTML 15Page - List of Unclassifed Manufacturers MLX90609 Datasheet HTML 16Page - List of Unclassifed Manufacturers MLX90609 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MLX90609
Angular Rate Sensor (Standard version)
390109060901
Page 13 of 22
Data Sheet
Rev 007
January/08
5.3.1 ADC Instructions and Answers
There are three SPI commands that are used to control embedded ADC of the MLX90609: STATR,
ADCC and ADCR.
• The Refusal Answer
Every instruction sent to the MLX90609 has an answer. If the MLX90609 is not able to accept the
instruction a refusal answer will be transmitted out. This answer has a unique format which is
shown in the Table 7. The refusal answer is the only one that has a set MSB. The other bits help to
understand a possible reason for the instruction rejection.
Refusal answer
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
OPC
EOC
X
X
BUSY
X
X
X
X
X
X
X
X
X
X
Table 7. Refusal answer format
• Command of the Status Reading (STATR)
Instruction
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
0
0
0
1
0
0
0
Answer
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
X
EOC
X
X
X
X
X
X
X
X
X
CHAN
ADEN
X
X
Table 8. Format of the STATR command
•
•
•
• Command of the ADC Control (ADCC)
Instruction
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
0
0
1
CHAN
ADEN
0
0
Answer
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
X
EOC
X
X
X
X
X
X
X
X
X
CHAN
ADEN
X
X
Table 9. Format of the ADCC command (The answer is the same as for the STATR command)
•
•
•
• Command of the ADC Reading (ADCR)
Instruction
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
0
0
0
0
0
0
0
Answer
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
X
EOC
X
AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
0
AD10…AD0
A result of the AD-conversion. These bits are valid only when EOC bit is set.
Table 10. Format of the ADCR command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com