Electronic Components Datasheet Search
  English  ▼

X  

2176 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2176
Description  5mm Chromed Metal Narrow Bevel LED Holder - Pack of 5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2176 Datasheet(HTML) 1 Page - Adafruit Industries

  2176 Datasheet HTML 1Page - Adafruit Industries 2176 Datasheet HTML 2Page - Adafruit Industries 2176 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5mm Chromed Metal Narrow Bevel LED
Holder - Pack of 5
PRODUCT ID: 2176


Similar Part No. - 2176

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2176 ALPHAWIRE-2176 Datasheet
101Kb / 3P
Customer Specification
9/14/2022
2176 ALPHAWIRE-2176 Datasheet
64Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
9/28/2004
2176 SV005 ALPHAWIRE-2176 SV005 Datasheet
345Kb / 3P
Customer Specification
5/19/2017
logo
Molex Electronics Ltd.
2176-T MOLEX1-2176-T Datasheet
103Kb / 2P
Flat Blade Crimp Terminal, Series 2176, Female, With Tin (Sn) Plated Brass Contact, With Detent, 14-22 AWG (or 18 AWG Double Crimp), Reel Packaged
logo
Sumida Corporation
2176-T060 SUMIDA-2176-T060 Datasheet
67Kb / 2P
IFT Coils < Pin Type: PG Series>
More results

Similar Description - 2176

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL523-1G13 P-TEC-PL523-1G13 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL523-1G13-2 P-TEC-PL523-1G13-2 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL523-1R12-2 P-TEC-PL523-1R12-2 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL523-1Y01 P-TEC-PL523-1Y01 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL523-1Y01-2 P-TEC-PL523-1Y01-2 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1G13-2 P-TEC-PL524-1G13-2 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1R12 P-TEC-PL524-1R12 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL523-1R12-2 P-TEC-PL523-1R12-2_14 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1R12-2V P-TEC-PL524-1R12-2V Datasheet
77Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1Y01 P-TEC-PL524-1Y01_14 Datasheet
77Kb / 1P
5mm LED Panel Mount Metal Holder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com