Electronic Components Datasheet Search
  English  ▼

X  

2177 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2177
Description  5mm Chromed Metal Wide Convex Bevel LED Holder - Pack of 5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2177 Datasheet(HTML) 1 Page - Adafruit Industries

  2177 Datasheet HTML 1Page - Adafruit Industries 2177 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5mm Chromed Metal Wide Convex Bevel
LED Holder - Pack of 5
PRODUCT ID: 2177
 
Description
Keep your 5mm LEDs in place with these chromed metal LED holders. These are handy
for projects using individual LEDs as they look sleek, and your LED won't budge. Slot the
LED through the opening, cork it with the plastic end, and screw on the washer for a
secure grip.


Similar Part No. - 2177

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2177 ALPHAWIRE-2177 Datasheet
101Kb / 3P
Customer Specification
9/14/2022
logo
Abbatron All Rights Res...
2177 ABBATRON-2177 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Sumida Corporation
2177-T074 SUMIDA-2177-T074 Datasheet
67Kb / 2P
IFT Coils < Pin Type: PG Series>
logo
TE Connectivity Ltd
2177018-1 TEC-2177018-1 Datasheet
748Kb / 11P
AMP MCP 6.3/4.8K CONTACT SYSTEM AMP MCP 6.3/4.8K Kontaktsystem
2177018-1 TEC-2177018-1 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
More results

Similar Description - 2177

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL523-1G13 P-TEC-PL523-1G13 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL523-1G13-2 P-TEC-PL523-1G13-2 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL523-1R12-2 P-TEC-PL523-1R12-2 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL523-1Y01 P-TEC-PL523-1Y01 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL523-1Y01-2 P-TEC-PL523-1Y01-2 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1G13-2 P-TEC-PL524-1G13-2 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1R12 P-TEC-PL524-1R12 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL523-1R12-2 P-TEC-PL523-1R12-2_14 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1R12-2V P-TEC-PL524-1R12-2V Datasheet
77Kb / 1P
5mm LED Panel Mount Metal Holder
PL524-1Y01 P-TEC-PL524-1Y01_14 Datasheet
77Kb / 1P
5mm LED Panel Mount Metal Holder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com