Electronic Components Datasheet Search
  English  ▼

X  

2276 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2276
Description  64x32 RGB LED Matrix - 6mm pitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2276 Datasheet(HTML) 1 Page - Adafruit Industries

  2276 Datasheet HTML 1Page - Adafruit Industries 2276 Datasheet HTML 2Page - Adafruit Industries 2276 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
64x32 RGB LED Matrix - 6mm pitch
PRODUCT ID: 2276
DESCRIPTION
Bring a little bit of Times Square into your home with this sweet 64x32 square RGB LED matrix
panel. These panels are normally used to make video walls, here in New York we see them on
the sides of busses and bus stops, to display animations or short video clips. We thought they
looked really cool so we picked up a few boxes of them from a factory.
This version is the 6mm pitch 64x32 RGB LED Matrix. Please note you cannot use an Arduino
UNO to drive this size, its way too big! Use an Arduino Mega, Raspberry Pi, BBB or other
device that can handle displaying to RGB matricies and has plenty of RAM.
This is a a lot like our 6mm Grid 32x32 RGB LED matrix panel, but it's twice as wide and looks
really good from far way. If you are looking for a 64x32 matrix, but at a closer view range, check
out our 3mm pitch, 4mm pitch, or 5mm pitch 64x32 RGB LED Matrices.
This matrix has 2048 bright RGB LEDs arranged in a 64x32 grid on the front. On the back there
are two IDC connectors (one input, one output: in theory you can chain these together) and 12
16-bit latches that allow you to drive the display with a 1:16 scan rate.
These displays are technically 'chainable' - connect one output to the next input - but our Arduino
example code does not support this (yet).
These panels require 13 digital pins (6 bit data, 7 bit control) and a good 5V supply, up to 4A per
panel. We suggest our 4A regulated 5V adapter and then connecting a 2.1mm jack. Please check
out our tutorial for more details!


Similar Part No. - 2276

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2276 ETC1-2276 Datasheet
34Kb / 1P
RETRACTILE PLUG, SCREW ATTACHMENT, RED
logo
Heyco.
2276 HEYCO-2276 Datasheet
105Kb / 1P
Dome Plugs
logo
PHOENIX CONTACT
2276117 PHOENIX-2276117 Datasheet
297Kb / 8P
PACT MCR-V2-5012- 85- 150-5A-1 - Current transformer
2276133 PHOENIX-2276133 Datasheet
297Kb / 8P
PACT MCR-V2-5012- 85- 250-5A-1 - Current transformer
2276146 PHOENIX-2276146 Datasheet
297Kb / 8P
PACT MCR-V2-5012- 85- 300-5A-1 - Current transformer
More results

Similar Description - 2276

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8390 PHILIPS-TDA8390 Datasheet
664Kb / 16P
PAL DECODER AND RGB MATRIX
fEBRUARY 1989
logo
List of Unclassifed Man...
TBA530 ETC1-TBA530 Datasheet
205Kb / 4P
RGB MATRIX PRE - AMPLIFIER
RW1065 ETC2-RW1065 Datasheet
258Kb / 6P
64x32 Dot Matrix LCD Controller / Driver
logo
LightKey Optoelectronic...
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
2.30 inch 8x8 RGB Dot Matrix LED Display
logo
BetLux Electronics
BL-M23A881XXX BETLUX-BL-M23A881XXX Datasheet
333Kb / 4P
60.20mm (2.3) :u5.0 dot matrix LED display, RGB COLOR
REV NO: V.4
logo
LightKey Optoelectronic...
LML4P6432RGB-0505 LIGHTKEY-LML4P6432RGB-0505 Datasheet
204Kb / 3P
P4 Indoor 64x32 RGB LED Display Module
logo
STMicroelectronics
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
High brightness 4x4 RGB LED matrix
15-Oct-2013
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
96-LED Matrix Driver for RGB and White LEDs
logo
SparkFun Electronics
COM-14646 SPARKFUN-COM-14646 Datasheet
385Kb / 2P
RGB LED Matrix Panel - 32x32
3-19-18
COM-14718 SPARKFUN-COM-14718 Datasheet
365Kb / 3P
RGB LED Matrix Panel - 32x64
5-15-18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com