Electronic Components Datasheet Search
  English  ▼

X  

2832 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2832
Description  NeoPixel Digital RGBW LED Strip - White PCB 30 LED/m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2832 Datasheet(HTML) 2 Page - Adafruit Industries

  2832 Datasheet HTML 1Page - Adafruit Industries 2832 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The strip is made of flexible PCB material, and comes with a weatherproof sheathing. You can cut
this stuff pretty easily with wire cutters, there are cut-lines every 0.65"/1.7cm (1 LED each). Solder
to the 0.1" copper pads and you're good to go. Of course, you can also connect strips together to
make them longer, just watch how much current you need! We have a 5V/2A supply that should be
able to drive 1 meter (depending on use) and a 5V/10A supply that can drive up to 4
meters (depending on use) You must use a 5V DC power supply to power these strips, do not use
higher than 6V or you can destroy the entire strip.
We have a tutorial showing wiring, power usage calculations, example code for usage, etc. for NeoPixel 
Please check it out! Please note you will need a NeoPixel library with RGBW support which is not always 
available. If you try to control these with a plain 'RGB' NeoPixel library, you'll get very weird results. Our 
Adafruit NeoPixel library does support RGBW but if you're using something else, just be aware that it might 
require some hacking.
These strips are sold by the meter ! If you buy 5 meters at a time, you'll get full reels with two
connectors. If you buy less than 5m, you'll get a single strip, but it will be a cut piece from a reel
which may or may not have a connector on it.
To wire up these strips we suggest picking up some JST SM plug and receptacle cables. You'll want
one of each, one wire is for ground the other is for signal. For the power wire, you will also
probably want a 2.1mm DC jack to wire in so you can connect one of our wall adapters to power it.
Our detailed NeoPixel Uberguide has everything you need to use NeoPixels in any shape and size. Including 
ready‐to‐go library & example code for the Arduino UNO/Duemilanove/Diecimila, Flora/Micro/Leonardo, 
Trinket/Gemma, Arduino Due & Arduino Mega/ADK (all versions)
Technical Details
LEDs per meter: 30 LEDs/m
Width of strip (w/ waterproofing): ~12.6mm / ~0.5"
Thickness of strip (w/ waterproofing): ~4.2mm / 0.16"
Removable IP65 weatherproof casing
Maximum 5V @ 80mA draw per LED (all LEDs on full brightness)
5VDC power requirement (do not exceed 6VDC) - no polarity protection
1 integrated RGBW LEDs per segment, individually controllable
Neutral white color temperature: ~4000-4500K
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com