Electronic Components Datasheet Search
  English  ▼

X  

2859 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2859
Description  NeoPixel Jewel - 7 x 5050 RGBW LED w/ Integrated Drivers - Natural White - ~4500K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2859 Datasheet(HTML) 2 Page - Adafruit Industries

  2859 Datasheet HTML 1Page - Adafruit Industries 2859 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The LEDs are 'chainable' by connecting the output of one Jewel into the input of another. There is a 
single data line with a very timing‐specific protocol. Since the protocol is very sensitive to timing, it 
requires a real‐time microconroller such as an AVR, Arduino, PIC, mbed, etc. It cannot be used with a 
Linux‐based microcomputer or interpreted microcontroller such as the netduino or Basic Stamp. Our 
wonderfully‐written Neopixel library for Arduino supports these pixels! As it requires hand‐tuned 
assembly it is only for AVR cores but others may have ported this chip driver code so please google 
around. An 8MHz or faster processor is required.
Comes as a single round board with 7 individually addressable RGBW LEDs assembled and tested.
Our detailed NeoPixel Uberguide has everything you need to use NeoPixels in any shape and size. 
Including ready‐to‐go library & example code for the Arduino UNO/Duemilanove/Diecimila, 
Flora/Micro/Leonardo, Trinket/Gemma, Arduino Due & Arduino Mega/ADK (all versions)
Technical Details
Diameter: 22.95mm / 0.9"
Weight: 1.4g
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com