Electronic Components Datasheet Search
  English  ▼

X  

2874 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2874
Description  NeoPixel 1/4 60 Ring - 5050 RGBW LED w/ Integrated Drivers - Natural White - ~4500K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2874 Datasheet(HTML) 1 Page - Adafruit Industries

  2874 Datasheet HTML 1Page - Adafruit Industries 2874 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NeoPixel 1/4 60 Ring - 5050 RGBW LED w/
Integrated Drivers - Natural White - ~4500K
PRODUCT ID: 2874
Description
What is better than smart RGB LEDs? Smart RGB+White LEDs! These NeoPixels now have 4 LEDs in
them (red, green, blue
and white) for excellent lighting effects. Round and round and round they
go!  
This is the NeoPixel 1/4 60 LED Ring in Natural White. We have a ton of other NeoPixel rings in the store 
to check out!
With four of these you can make a huge ring with 60 ultra bright smart LED NeoPixels are
arranged in a circle with a 6.2" diameter. Each order comes with just the quarter ring. Four of
this item are required to make a large ring. You will have to solder them together as well, so
for the full ring of 60 LEDs, buy four and solder them together!
The rings are 'chainable' - connect the output pin of one to the input pin of another. Use only
one microcontroller pin to control as many as you can chain together! Each LED is addressable as
the driver chip is inside the LED. Each one has ~18mA constant current drive so the color will be
very consistent even if the voltage varies, and no external choke resistors are required making
the design slim. Power the whole thing with 5VDC and you're ready to rock.
The NeoPixel is 'split', one half is the RGB you know and love, the other half is a white LED with a
yellow phosphor. Unlit, it resembles an egg yolk. Lit up these are insanely bright (like ow my eye
hurts) and can be controlled with 8-bit PWM per channel (8 x 4 channels = 32-bit color overall).
Great for adding lots of colorful + white dots to your project!


Similar Part No. - 2874

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2874 KR-2874 Datasheet
86Kb / 2P
350 MHz Center Frequency
logo
Heyco.
2874 HEYCO-2874 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
KR Electronics, Inc.
2874-SMA KR-2874-SMA Datasheet
50Kb / 2P
350 MHz Center Frequency
logo
Wiha Tools
28740 WIHA-28740 Datasheet
241Kb / 1P
19 Pc. SlimLine Insulated Blade Set
28741 WIHA-28741 Datasheet
241Kb / 1P
19 Pc. SlimLine Insulated Blade Set
More results

Similar Description - 2874

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
WHITE LED DRIVERS
logo
Inolux Corporation
IN-PI554FCH INOLUX-IN-PI554FCH Datasheet
1Mb / 19P
5050 RGB LED 4-Pin With Integrated IC
IN-PI556FCH INOLUX-IN-PI556FCH Datasheet
1Mb / 18P
5050 RGB LED 6-Pin With Integrated IC
logo
AVAGO TECHNOLOGIES LIMI...
ASMB-6WD0 AVAGO-ASMB-6WD0 Datasheet
516Kb / 14P
RGBW Thin DFN6 LED
logo
Inolux Corporation
IN-PC55TBTRGB INOLUX-IN-PC55TBTRGB Datasheet
992Kb / 13P
5050 RGB LED 6-Pin with Integrated IC
IN-PI55QATPRPGPBPW-XX INOLUX-IN-PI55QATPRPGPBPW-XX Datasheet
1Mb / 17P
5050 RGBW LED 4-Pin with Integrated IC
IN-PI55TATXRXGXB INOLUX-IN-PI55TATXRXGXB Datasheet
946Kb / 13P
5050 RGB LED 4-Pin with Integrated IC
IN-PI55TBTPRPGPB INOLUX-IN-PI55TBTPRPGPB Datasheet
876Kb / 13P
5050 RGB LED 6-Pin with Integrated IC
logo
HK TO-GRACE TECHNOLOGY ...
VLMW712U2U3XV TO-GRACE-VLMW712U2U3XV Datasheet
1,018Kb / 12P
1 W Power SMD LED White
logo
Inolux Corporation
IN-PI33QBTPRPGPBPW-40 INOLUX-IN-PI33QBTPRPGPBPW-40 Datasheet
1Mb / 17P
3537 RGBW LED 6-Pin with Integrated IC
Aug 10, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com