Electronic Components Datasheet Search
  English  ▼

X  

3094 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3094
Description  NeoPixel RGB 5050 LED with Integrated Driver Chip - 100 Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3094 Datasheet(HTML) 2 Page - Adafruit Industries

  3094 Datasheet HTML 1Page - Adafruit Industries 3094 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
The LEDs are 'chainable' by connecting the output of one chip into the input of another ‐ see the 
datasheet for diagrams and pinouts. To allow the entire chip to be integrated into a 6‐pin package, 
there is a single data line with a very timing‐specific protocol. Since the protocol is very sensitive to 
timing, it requires a real‐time microconroller such as an AVR, Arduino, PIC, mbed, etc. It cannot be used 
with a Linux‐based microcomputer or interpreted microcontroller such as the netduino or Basic 
Stamp. The LEDs basically have a WS2811 inside, but fixed at the 800KHz 'high speed' setting. Our 
wonderfully‐written Neopixel library for Arduino supports these pixels! As it requires hand‐tuned 
assembly it is only for AVR cores but others may have ported this chip driver code so please google 
around. An 8MHz or faster processor is required. 
These raw LEDs are cut from a reel and/or might be loose. They may not suitable for pick & place + 
reflow. We recommend these for careful hand soldering only! Comes in a package with 100 individual 
LEDs. We have a ready‐to‐go component for this in the Adafruit EAGLE library 
https://github.com/adafruit/Adafruit‐Eagle‐Library 
 
Technical Details
o
WS2812 Datasheet   
o
https://cdn‐shop.adafruit.com/datasheets/WS2812.pdf
 
o
SK6812 Datasheet   
https://www.adafruit.com/images/productfiles/1138/SK6812%20LED%20datasheet%20.pdf 
o
May ship with either WS2812B or SK6812‐based LEDs. They are the same brightness, 
color, and protocol. 
Product Dimensions: 5.0mm x 5.0mm x 1.5mm / 0.2" x 0.2" x 0.1"  
Product Weight: 0.1g / 0.0oz  
 
 
 
 
                                                                            https://www.adafruit.com/product/3094 9‐8‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com