Electronic Components Datasheet Search
  English  ▼

X  

3330 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3330
Description  Liquid Crystal Light Valve - LCD Controllable Black-out Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3330 Datasheet(HTML) 2 Page - Adafruit Industries

  3330 Datasheet HTML 1Page - Adafruit Industries 3330 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
In this product, we have one huge LCD piece, which will filter what you see through it.
Normally, its a tinted gray color (because the light around us is not polarized, it is not
completely clear). There are two sets of electrodes, on the left and right. The two pins
closest to each other (on the edges) are the same electrode, and the LCD is symmetric so
you can use either one as positive/negative.
By changing the voltage applied, it will block light more and more. Starting at about
1.0VDC the glass will start darkening. At about 4.0V the glass will be opaque. 5V is the
max recommended voltage. In between you will get darker shades. Note that it is not
capable of blocking 100% of light, but it looks like it blocks at least 95%. If you put a
bright light behind it, you will see some light shine through!
Almost no current is used and one the LCD, once activated with a voltage, will stay at
that darkness level even if the voltage is removed. So, if you want to have it turn on and
off, you'll need to drive it with a 0V signal to 'open' it up, or connect a draining resistor
between the two pins to leak the voltage off when not powered.
Please note that this is a thin piece of glass, you can't bend it and its very delicate! Use
care when working with this item.
Technical Details
o
Outline size: 96.5 x 38.0 x 2.0 mm 
o
View area: 88.5 x 34.5 mm 
o
Driving voltage: 5.0V 
o
LCD type: TN, transmissive, positive 
o
Operating temperature: ‐10° to 60° 
Product Dimensions: 97.0mm x 38.0mm x 2.0mm / 3.8" x 1.5" x 0.1"
Product Weight: 14.4g / 0.5oz
 
 
 
 
 
 
                                                           Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com