Electronic Components Datasheet Search
  English  ▼

X  

PBRC-MR Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # PBRC-MR
Description  PBRC-MR Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PBRC-MR Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  PBRC-MR Datasheet HTML 1Page - Kyocera Kinseki Corpotation PBRC-MR Datasheet HTML 2Page - Kyocera Kinseki Corpotation PBRC-MR Datasheet HTML 3Page - Kyocera Kinseki Corpotation PBRC-MR Datasheet HTML 4Page - Kyocera Kinseki Corpotation PBRC-MR Datasheet HTML 5Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Oscillating Frequency
Date Code
Day Code
3-1. Measurement Condition
The reference temperature shall be 25
±2 ℃.
The measurement shall be performed in the temperature range
from 15 to 35
℃ unless otherwise the result is doubtful.
3-2. Measurement Circuit
Oscillating frequency shall be measured using the Kyocera
standard test circuit shown in Fig. 1.
4. Dimensions
14
14
14
14
MC
MC
MC
MC14096
14096
14096
14096UB
UB
UB
UB
Vdd=5.0V
4.1
4.5
800 X
X
KYOCERA
KYOCERA
KYOCERA
KYOCERA
CONFIDENTIAL
CONFIDENTIAL
CONFIDENTIAL
CONFIDENTIAL
TK-D2428-FE0044
4
Fig.1 Standard Measuring Circuits
Oscillating Frequency
Ex.8.00 (8.00 is the meaning of 8.00MHz/Oscillating
Frequency)
Date Code
Jan. to Dec. 2013: A to M (except “I”)
Jan. to Dec. 2014: N to Z (except “O”)
Jan. to Dec. 2015: a to m (except “i”)
Jan. to Dec. 2016: n to z (except “o”)
Note:
These alphabets should be after Jan.2017.
Unit: mm
Tol.:
± 0.2mm (*± 0.1mm)
Terminal: Au flashed nickel barrier
R
f=1M
Ω
Ω
Ω
Ω
C1=C2= 15 pF (Reference)
C
C
C
C1
1
1
1
C
C
C
C2
2
2
2
MC
MC
MC
MC14096
14096
14096
14096UB
UB
UB
UB
((((Freescale
Freescale
Freescale
Freescale))))
Resonator
Resonator
Resonator
Resonator
Out
Out
Out
Out
R
R
R
Rffff
1
11
1 2
22
2 3
33
3 4
44
4
7
77
7
6-0.3
6-R0.45*
3-0.4
1.5
1.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com