Electronic Components Datasheet Search
  English  ▼

X  

EUA2011 Datasheet(PDF) 12 Page - Eutech Microelectronics Inc

Part # EUA2011
Description  3-W Mono Filterless Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA2011 Datasheet(HTML) 12 Page - Eutech Microelectronics Inc

Back Button EUA2011 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 10Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 11Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 12Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 13Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 14Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 15Page - Eutech Microelectronics Inc EUA2011 Datasheet HTML 16Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
EUA2011
DS2011 Ver 1.1 Dec. 2007
12
Input Resistors (RI)
The input resistors (RI) set the gain of the amplifier
according to equation (1).
---------------------------------(1)
Resistor matching is very important in fully differential
amplifiers. The balance of the output on the reference
voltage depends on matched ratios of the resistors. CMRR,
PSRR, and cancellation of the second harmonic distortion
diminish if resistor mismatch occurs. Therefore, it is
recommended to use 1% tolerance resistors or better to
keep the performance optimized. Matching is more
important than overall tolerance. Resistor arrays with 1%
matching can be used with a tolerance greater than 1%.
Place the input resistors very close to the EUA2011 to
limit noise injection on the high-impedance nodes.
For optimal performance the gain should be set to 2 V/V
or lower. Lower gain allows the EUA2011 to operate at its
best, and keeps a high voltage at the input making the
inputs less susceptible to noise.
Decoupling Capacitor (CS)
The EUA2011 is a high-performance class-D audio
amplifier that requires adequate power supply decoupling
to ensure the efficiency is high and total harmonic
distortion (THD) is low. For higher frequency transients,
spikes, or digital hash on the line, a good low
equivalent-series-resistance (ESR) ceramic capacitor,
typically 1µF, placed as close as possible to the device
VDD lead works best. Placing this decoupling capacitor
close to the EUA2011 is very important for the efficiency
of the class-D amplifier, because any resistance or
inductance in the trace between the device and the
capacitor can cause a loss in efficiency. For filtering
lower-frequency noise signals, a 10µF or greater capacitor
placed near the audio power amplifier would also help,
but it is not required in most applications because of the
high PSRR of this device.
Input Capacitors (CI)
The EUA2011 does not require input coupling capacitors
if the design uses a differential source that is biased from
0.5 V to VDD – 0.8 V (shown in Figure 31). If the input
signal is not biased within the recommended common
−mode input range, if needing to use the input as a high
pass filter (shown in Figure 32), or if using a single-ended
source (shown in Figure 33), input coupling capacitors are
required.
The input capacitors and input resistors form a high-pass
filter with the corner frequency, fc, determined in equation
(2).
--------------------------------------------(2)
The value of the input capacitor is important to consider
as it directly affects the bass (low frequency) performance
of the circuit. Speakers in wireless phones cannot usually
respond well to low frequencies, so the corner frequency
can be set to block low frequencies in this application.
Equation (3) is reconfigured to solve for the input
coupling capacitance.
--------------------------------------------(3)
If the corner frequency is within the audio band, the
capacitors should have a tolerance of ± 10% or better,
because any mismatch in capacitance causes an
impedance mismatch at the corner frequency and below.
For a flat low-frequency response, use large input
coupling capacitors (1 µF). However, in a GSM phone the
ground signal is fluctuating at 217 Hz, but the signal from
the codec does not have the same 217 Hz fluctuation. The
difference between the two signals is amplified, sent to
the speaker, and heard as a 217 Hz hum.
Single-Ended Input Depop Function
In single-ended input application, there is an inherently
voltage difference in input pairs when shutdown is
released. In order to eliminate pop noise, the pop
cancellation circuit need to charge the input capacitor CI
until fully-differential inputs are balanced and output
power to load gradually.
The RC time constant should within the de-pop delay, if
150kΩ RI is chosen, the recommended CI should small
than 10nF for a good pop immunity.
Summing Input Signals
Most wireless phones or PDAs need to sum signals at the
audio power amplifier or just have two signal sources that
need separate gain. The EUA2011 makes it easy to sum
signals or use separate signal sources with different gains.
Many phones now use the same speaker for the earpiece
and ringer, where the wireless phone would require a
much lower gain for the phone earpiece than for the ringer.
PDAs and phones that have stereo headphones require
summing of the right and left channels to output the stereo
signal to the mono speaker.
I
R
0k
5
1
2
ain
G
Ω
×
=
V
V
()
I
C
I
R
2
1
c
f
π
=
()
c
f
I
R
2
1
I
C
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com