Electronic Components Datasheet Search
  English  ▼

X  

TUSB211IRWBR Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB211IRWBR
Description  TUSB211 USB 2.0 High Speed Signal Conditioner
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB211IRWBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB211IRWBR Datasheet HTML 3Page - Texas Instruments TUSB211IRWBR Datasheet HTML 4Page - Texas Instruments TUSB211IRWBR Datasheet HTML 5Page - Texas Instruments TUSB211IRWBR Datasheet HTML 6Page - Texas Instruments TUSB211IRWBR Datasheet HTML 7Page - Texas Instruments TUSB211IRWBR Datasheet HTML 8Page - Texas Instruments TUSB211IRWBR Datasheet HTML 9Page - Texas Instruments TUSB211IRWBR Datasheet HTML 10Page - Texas Instruments TUSB211IRWBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TUSB211
USB
TRANSCEIVER
D2P
D2M
High Speed
Compensation
USB
CONNECTOR
Low and Full
Speed Bypass
ESD
PROTECTION
D1P
D1M
Status flags
OPTIONAL
PLD
CD
ENA_HS
Copyright © 2016, Texas Instruments Incorporated
7
TUSB211, TUSB211I
www.ti.com
SLLSEO0D – MAY 2015 – REVISED OCTOBER 2017
Product Folder Links: TUSB211
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TUSB211 is a USB High-Speed (HS) signal conditioner, designed to compensate for ISI signal loss in a
transmission channel. TUSB211 has a patent-pending design which is agnostic to USB Low Speed (LS) and Full
Speed (FS) signals and does not alter their signal characteristics, while HS signals are compensated. In addition,
the design is compatible with USB On-The-Go (OTG) and Battery Charging (BC) specifications.
Programmable signal gain through an external resistor permits fine tuning device performance to optimize signals
helping to pass USB HS electrical compliance tests at the connector.
The footprint of TUSB211 allows a board layout using this device such that it does not break the continuity of the
DP/DM signal traces. This permits risk free system design of a complete USB channel with flexible use of one or
multiple TUSB211 devices as needed for optimal signal integrity. This allows system designers to plan for this
device and use it only if signal integrity analysis and/or lab measurements show a need. If such a need is not
warranted, the device can be left unpopulated without any board rework.
7.2 Functional Block Diagram
7.3 Device Functional Modes
7.3.1 Low Speed (LS) Mode
TUSB211 automatically detects a LS connection and does not enable signal compensation. CD pin is asserted
high.
7.3.2 Full Speed (FS) Mode
TUSB211 automatically detects a FS connection and does not enable signal compensation. CD pin is asserted
high.
7.3.3 High Speed (HS) Mode
TUSB211 automatically detects a HS connection and enables signal compensation as determined by the
configuration of the external pulldown resistance on its EQ pin. ENA_HS pin asserted high in addition to the CD
pin.
7.3.4 Disable Mode
TUSB211 can be disabled when its RSTN pin is asserted low. The USB channel is still fully operational, but there
is neither signal compensation, nor any indication from the CD pin or ENA_HS pin as to the status of the
channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com