Electronic Components Datasheet Search
  English  ▼

X  

TUSB9261 Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB9261
Description  TUSB9261 USB 3.0 to SATA Bridge
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB9261 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB9261 Datasheet HTML 12Page - Texas Instruments TUSB9261 Datasheet HTML 13Page - Texas Instruments TUSB9261 Datasheet HTML 14Page - Texas Instruments TUSB9261 Datasheet HTML 15Page - Texas Instruments TUSB9261 Datasheet HTML 16Page - Texas Instruments TUSB9261 Datasheet HTML 17Page - Texas Instruments TUSB9261 Datasheet HTML 18Page - Texas Instruments TUSB9261 Datasheet HTML 19Page - Texas Instruments TUSB9261 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
STAR GROUND AGND TO GND
SW_1.1V
FB_DCDC
MODE
TRST
MR#
VDD_1P1V
BOARD_1P8V
BOARD_3P3V
BOARD_5V
A
A
A
A
A
GRST#
U4
TPS650061
U4
TPS650061
VINDCDC
8
EN_DCDC
10
MODE
9
VINLDO1
15
EN_LDO1
3
VINLDO2
18
EN_LDO2
4
PGND
6
AGND
12
PG#
5
SW
7
FB_DCDC
11
VLDO1
14
VLDO2
17
FB_LDO1
13
FB_LDO2
16
RSTSNS
19
RST#
20
MR#
1
TRST
2
PWR_PAD
21
R30
400 k
0402
1%
C72
30 pF
R39
4.7 k
0402
L2
2.2 µH
L2
C63
22 µF
C46
22 µF
C60
22 µF
R31
475 k
0402
1%
C57
22 µF
C68
0.1 µF
N.O.
SW2
PB_SWITCH
N.O.
1
2
4
3
R32
4.7 k
0402
5%
R32
16
TUSB9261
SLLSE67I – MARCH 2011 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TUSB9261
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
8.2.2.1 PWM Terminals
The TUSB9261 has two pulse-width modulated output terminals.
Table 3 shows the default firmware configuration of PWMs.
Table 3. Default Firmware Configuration of PWMs
PWM
USAGE
0
Primary Indicator LED:
ON when there is a USB connection. OFF when there is no connection.
Blinks during disk activity (Frequency: 5 Hz for USB2 or 10 Hz for USB3).
Fades when USB is in Suspend or U3 state.
1
Power indicator LED
PWM duty cycle will be 0% when the LED should be fully ON.
8.2.2.2 JTAG Interface
The TUSB9261 supports JTAG for board-level test and debug support. Typically, these terminals are left
unconnected or routed to a header to plug in an external JTAG controller. Table 4 shows the JTAG terminal
names and internal resistor connection. The JTAG interface should be left unconnected if JTAG support is not
required.
Table 4. Internal JTAG Resistor Termination
NAME
PULL UP OR PULL
DOWN
DESCRIPTION
JTAG_TCK
Pull down
JTAG test clock
JTAG_TDI
Pull up
JTAG test data in
JTAG_TDO
Pull down
JTAG test data out
JTAG_TMS
Pull up
JTAG test mode select
JTAG_RSTZ
Pull down
JTAG reset
8.2.2.3 Voltage Regulator Schematic
8.2.2.4 SPI
A SPI system consists of one master device and one or more slave devices. The TUSB9261 is a SPI master
providing the SPI clock, data-in, data-out, and up to three chip-select terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com