Electronic Components Datasheet Search
  English  ▼

X  

CS6008010 Datasheet(PDF) 3 Page - Norgren Ltd

Part # CS6008010
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS6008010 Datasheet(HTML) 3 Page - Norgren Ltd

  CS6008010 Datasheet HTML 1Page - Norgren Ltd CS6008010 Datasheet HTML 2Page - Norgren Ltd CS6008010 Datasheet HTML 3Page - Norgren Ltd CS6008010 Datasheet HTML 4Page - Norgren Ltd CS6008010 Datasheet HTML 5Page - Norgren Ltd CS6008010 Datasheet HTML 6Page - Norgren Ltd CS6008010 Datasheet HTML 7Page - Norgren Ltd CS6008010 Datasheet HTML 8Page - Norgren Ltd CS6008010 Datasheet HTML 9Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
05/99
N/AL 9.12.001.03
M
Me
ettrriic
c T
Tu
ub
biin
ng
g a
an
nd
d H
Ho
os
se
e
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
O/D
I/D
Maximum working pressure (bar)
Minimum bend radius (mm)
tube (mm)
tube (mm)
at –40°C to +20°C
4
2,5
106
5
3,011
7
6
4,09
9
8
5,5
9
16
107,09
17
12
8,09
25
To calculate working pressures at various temperatures, multiply
working pressure at –40°C to +20°C by factor given in table.
Maximum continuous working temperature +60°C.
Maximum working pressures
Working pressure/temperature conversion factors
Working temperature °C
Factor
–40°C to +20°C
1,00
+30°C
0,85
+40°C
0,70
+50°C
0,60
+60°C
0,50
Product
Hose
Min.
Hose
Max (bar) ‘O’ clip
Number
bore
bend
Ø
working
product
radius O/D
pressure number
PV2008030 3
51,0
8
31
48 0168 02
PV2010030 5
63,0
10
20
48 0168 03
PV2012030 6,3
76,0
11,5
17
48 0168 04
PV2014030 8
102
13,5
16
48 0168 05
PV2016030 10
114
16
16
48 0168 06
PV2019030 12,5
140
18,5
14
48 0168 07
PV2027030 20
203
27
9
48 0168 11
PV2033030 25
229
33
6
48 0168 15
Product
A O/D
B
Max (bar)
Min
C
D
Number*
tailpiece
working
bend
hose
hose
pressure
radius
I/D
O/D
42 0200 00 000
4
19,0
10
28
3
8
42 0210 00 000
5
21,5
10
28
3
8
42 0220 00 000
6
23,0
10
31,5
6,3
12
42 0230 00 000
8
26,0
10
31,5
6,3
12
42 0240 00 000
10
28,0
10
48,5
10
16
42 0250 00 000
12
30,0
10
48,5
10
16
42 0260 00 000
16
34,8
9
50,5
12,5
19
42 0270 00 000
22
42,0
7
70
19
27
42 0280 00 000
28
51,0
6
225
25
33
Polyester reinforced PVC hose
30m coils
Pincers
‘O’ Clip
To Order
B
Flexible hose assemblies
A special pair of pincers, product number 39 0014 00, is available for crimping ‘O’ clips to hose.
Instructions
1. Cut off the desired length of hose
2. Insert reusable tailpieces
3. Slip on the ‘O’ clips
4. Clamp tightly with pincers
Polyester reinforced PVC hose
Operating temperature: –20°C to +70°C.
For use at temperatures above +70°C consult our Technical Service.
*State the length of hose required when ordering. Maximum length 30m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com