| Electronic Components Datasheet Search |
|
TUSB9261IPVP Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB9261IPVP Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 29 page ![]() 11 TUSB9261 www.ti.com SLLSE67I – MARCH 2011 – REVISED MARCH 2016 Product Folder Links: TUSB9261 Submit Documentation Feedback Copyright © 2011–2016, Texas Instruments Incorporated Feature Description (continued) After the USB device controller configuration is complete, if a SATA device was detected during the AHCI configuration, the firmware connects the device to the USB bus when VBUS is detected. According to the USB 3.0 specification, the TUSB9261 initially tries to connect at SuperSpeed USB. If successful, it enters U0; otherwise, after the training time out, it enables the DP pullup and connects as a USB 2.0 high-speed or full- speed device depending on the speed supported by host or hub port. When connected, the firmware presents the BOT interface as the primary interface and the UASP interface as the secondary interface. If the host stack is UASP aware, it can enable the UASP interface using a SET_INTERFACE request for alternate interface 1. Following speed negotiation, the device should transmit a device to host (D2H) FIS with the device signature. This first D2H FIS is received by the link layer and copied to the port signature register. When firmware is notified of the device connection, it queries the device for capabilities using the IDENTIFY DEVICE command. Firmware then configures the device as appropriate for its interface and features supported, for example, an HDD that supports native command queuing (NCQ). 7.3.1.2 Firmware Support Default firmware support is provided for the following: • SuperSpeed USB and USB 2.0 high speed and full speed • USB attached SCSI protocol (UASP) • USB mass storage class (MSC) bulk-only transport (BOT) – Including the 13 error cases • USB mass storage specification for bootability • USB device class definition for HID – Firmware update and custom functionality (for example, one-touch backup) • Serial ATA advanced host controller interface (AHCI) • GPIO – LED control and custom functions (for example, one-touch backup control) • PWM – LED dimming control • SPI – Firmware storage and storing custom device descriptors • Serial communications interface (SCI) – Debug output only |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |