Electronic Components Datasheet Search
  English  ▼

X  

CS7006003 Datasheet(PDF) 8 Page - Norgren Ltd

Part # CS7006003
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS7006003 Datasheet(HTML) 8 Page - Norgren Ltd

Back Button CS7006003 Datasheet HTML 4Page - Norgren Ltd CS7006003 Datasheet HTML 5Page - Norgren Ltd CS7006003 Datasheet HTML 6Page - Norgren Ltd CS7006003 Datasheet HTML 7Page - Norgren Ltd CS7006003 Datasheet HTML 8Page - Norgren Ltd CS7006003 Datasheet HTML 9Page - Norgren Ltd CS7006003 Datasheet HTML 10Page - Norgren Ltd CS7006003 Datasheet HTML 11Page - Norgren Ltd CS7006003 Datasheet HTML 12Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Vehicle Tubing
Metric
q High mechanical strength
q Large thermal range
q Broad chemical resistance
q Good fatigue resistance
q Light weight
q Low permeability
q Heat and light stabilized
q Excellent abrasion resistance
Polyamide (Nylon) Tubing to
DIN standards 73378 and 74324
* These products conform to DIN 74324, SAE J1394 and ISO 7628-1
¦ This product conforms to SAE J1394 not to DIN 74324 or 73378
• These products conform to DIN 74324
Other colours and sizes of metric nylon tubing can be supplied for orders of sufficient quantity.
Standard range of nylon tubing can be supplied in long length coils to order, providing that a minimum economic
production quantity is ordered.
The automotive tubing range is suitable for commercial vehicle primary air braking and auxiliary air systems and
can be used in conjunction with Norgren vehicle push-in fittings (FleetFit).
OD x
wall thickness
Black•
Red
Green
Yellow
Blue
(mm)
25m
100m
25m
25m
25m
25m
4 x 1.0
TP0704025
TP0704100
TP0104025
TP0204025
TP0304025
TP0504025
6 x 1.0*
TP0706025
TP0706100
TP0106025
TP0206025
TP0306025
TP0506025
8 x 1.0*
TP0708025
TP0708100
TP0108025
TP0208025
TP0308025
TP0508025
9 x 1.5
TP0709025
TP0709100
T00109024
TP0209025
TP0309025
TP0509025
10 x 1.25
TP0710025
TP0710100
TP0110025
TP0210025
TP0310025
TP0510025
10 x 1.5¦
TN0710025
TN0710100
TN0110025
TN0210025
TN0310025
TN0510025
11 x 1.5
TP0711025
TP0711100
TP0111025
TP0211025
TP0311025
TP0511025
12 x 1.5*
TP0712025
TP0712100
TP0112025
TP0212025
TP0312025
TP0512025
15 x 1.5
TP0715025
TP0715100
TP0115025
TP0215025
TP0315025
TP0515025
16 x 1.5*
TP0716025
TP0716100
TP0116025
TP0216025
TP0316025
TP0516025
Back to Selector Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com