Electronic Components Datasheet Search
  English  ▼

X  

CS6006010 Datasheet(PDF) 1 Page - Norgren Ltd

Part # CS6006010
Description  Tubing & Hose Metric
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS6006010 Datasheet(HTML) 1 Page - Norgren Ltd

  CS6006010 Datasheet HTML 1Page - Norgren Ltd CS6006010 Datasheet HTML 2Page - Norgren Ltd CS6006010 Datasheet HTML 3Page - Norgren Ltd CS6006010 Datasheet HTML 4Page - Norgren Ltd CS6006010 Datasheet HTML 5Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
01/98
N/AL 9.12.001.01
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
Ordering Information
To order, quote appropriate product number
from the tables on the following pages.
When ordering Polyester reinforced PVC
hose state the length of hose required.
q Available in a variety of different types to suit a
wide range of applications
q All tubing can be used with specific ranges of tube
fittings
q Nylon and polyurethane tube available in several
colours for ease of identification
Technical Data
Medium:
Compressed air
(Consult our Technical Service for use with other fluids)
Operating Pressure:
Refer to specific tubing type on the following pages
Operating Temperature:
Refer to specific tubing type on the following pages
Tube Sizes
Nylon: 4, 5, 6, 8, 10, 12, 14, 16, 22, 28 mm O/D
Polyurethane: 4, 5, 6, 8, 10, 12 O/D
Extraflexible Nylon: 8, 10, 12, 15 mm O/D
Polyester reinforced PVC hose: 3, 5, 6.3, 8, 10, 12.5,
19, 25 mm I/D
Polyester reinforced PVC hose assemblies: 4, 5, 6, 8, 10,
12, 16, 22, 28 O/D
Metal Braided: 4, 5, 6, 8, 10, 12, 28 mm
Copper – half hard and annealed: 4, 5, 6, 8, 10,
12, 16, 22, 28 mm O/D
Double Wall Brazed Steel: 4, 6, 8, 10, 12 mm O/D
Materials
Nylon tube: nylon (polyamide) type 11 or 12 fully plasticised
Polyurethane
Polyester reinforced PVC: high quality electrically non-
conductive plasticised PVC hose, high tensile polyester fibre
braiding, galvanised steel ‘O’ clips and brass tailpieces on
assembled hoses
Metal braided hose: E90 nitrile rubber hose, galvanised steel
braiding wire, brass ferrules, copper tailpieces
Copper tube: phosphorous de-oxidised non arsenical copper to
BS6017 grade Cu-DHP
Double wall brazed steel: copper coated steel strip with plated
Tubing & Hose
Metric
Nylon, Polyurethane,
Polyester Reinforced PVC,
Metal Braided Rubber, Copper,
Double Wall Brazed Steel


Similar Part No. - CS6006010

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
CS6006010 NORGREN-CS6006010 Datasheet
385Kb / 20P
Tubing & Hose Metric
11/97
More results

Similar Description - CS6006010

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
2M2M-HOS-3FT RALSTON-2M2M-HOS-3FT Datasheet
301Kb / 1P
Quick-test hose
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
361Kb / 1P
Quick-test hose, brass hose ends
logo
Glenair, Inc.
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
Helical Convoluted Tubing
121-101 GLENAIR-121-101_09 Datasheet
331Kb / 1P
Helical Convoluted Tubing
120-144 GLENAIR-120-144 Datasheet
230Kb / 1P
Annular Convoluted Tubing
logo
Tyco Electronics
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
RAYCHEM Tubing Products
018307-000 MACOM-018307-000 Datasheet
31Kb / 2P
Very-thin-wall, highly flame-retardant, metric-sized heat-shrinkable tubing
logo
List of Unclassifed Man...
701800-Color-2 ETC2-701800-Color-2 Datasheet
344Kb / 2P
Neon-inspired tubing
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
Tubing
G120NF14 ALPHAWIRE-G120NF14 Datasheet
207Kb / 3P
Tubing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com