Electronic Components Datasheet Search
  English  ▼

X  

EUA5202 Datasheet(PDF) 3 Page - Eutech Microelectronics Inc

Part # EUA5202
Description  2-W Stereo Audio Power Amplifier with Mute
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA5202 Datasheet(HTML) 3 Page - Eutech Microelectronics Inc

  EUA5202 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
EUA5202
DS5202 Ver 1.6 May. 2005
3
Pin Configurations
Package
Pin Configurations
TSSOP-24 with Thermal
Pad, exposure on the bottom
of the package
Pin Description
PIN
PIN
I/O
DESCRIPTION
LINE
HP/
16
I
Input MUX control input, hold high to select LHP IN or RHP IN (5, 20), hold
low to select LLINE IN or RLINE IN (4, 21)
LBYPASS
6
Tap to voltage divider for left channel internal mid-supply bias
LHPIN
5
I
Left channel headphone input, selected when
LINE
HP/
terminal (16) is held
high
LLINE IN
4
I
Left channel line input, selected when
LINE
HP/
terminal (16) is held low
LOUT+
3
O
Left channel + output in BTL mode, + output in SE mode
LOUT-
10
O
Left channel - output in BTL mode, high-impedance state in SE mode
GND/HS
1,12,13,
24
Ground connection for circuitry, directly connected to thermal pad
LVDD
7
I
Supply voltage input for left channel and for primary bias circuits
MUTE IN
11
I
Mute all amplifiers, hold low for normal operation, hold high to mute
MUTE OUT
9
O
Follows MUTE IN terminal (11), provides buffered output
NC
17,23
No internal connection
RBYPASS
19
Tap to voltage divider for right channel internal mid-supply bias
RHPIN
20
I
Right channel headphone input, selected when
LINE
HP/
terminal (16) is held
high
RLINEIN
21
I
Right channel line input, selected when
LINE
HP/
terminal (16) is held low
ROUT+
22
O
Right channel + output in BTL mode, + output in SE mode
ROUT-
15
O
Right channel - output in BTL mode, high-impedance state in SE mode
RVDD
18
I
Supply voltage input for high channel
BTL
SE/
14
I
Hold low foe BTL mod, hold high for SE mode
SHUTDOWN
8
I
Places entire IC in shutdown mode when held high, IDD=5µA
TJ
2
O
Sources a current proportional to the junction temperature. This terminal should
be left unconnected during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com