Electronic Components Datasheet Search
  English  ▼

X  

UC2909MDWREP Datasheet(PDF) 7 Page - Texas Instruments

Part # UC2909MDWREP
Description  SWITCHMODE LEAD-ACID BATTERY CHARGER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UC2909MDWREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC2909MDWREP Datasheet HTML 3Page - Texas Instruments UC2909MDWREP Datasheet HTML 4Page - Texas Instruments UC2909MDWREP Datasheet HTML 5Page - Texas Instruments UC2909MDWREP Datasheet HTML 6Page - Texas Instruments UC2909MDWREP Datasheet HTML 7Page - Texas Instruments UC2909MDWREP Datasheet HTML 8Page - Texas Instruments UC2909MDWREP Datasheet HTML 9Page - Texas Instruments UC2909MDWREP Datasheet HTML 10Page - Texas Instruments UC2909MDWREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
frequency =
1
¾
1.2 ·
·
C
R
T
SET
1.75
¾
R
SET
0.115
¾
R
SET
UC2909-EP
www.ti.com
SLUSA72 – JULY 2010
DEVICE INFORMATION
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
CA-
13
The inverting input to the current error amplifier.
The output of the current error amplifier which is internally clamped to approximately 4 V. It is internally
CAO
14
connected to the inverting input of the PWM comparator.
The inverting and non-inverting inputs to the current sense amplifier. This amplifier has a fixed gain of five
CS-, CS+
17, 16
and a common-mode voltage range of from –250 mV to VCC.
CSO
15
The output of the current sense amplifier which is internally clamped to approximately 5.7 V.
The input to a comparator that detects when battery voltage is low and places the charger in a trickle charge
CHGENB
10
state. The charge enable comparator makes the output of the voltage error amplifier a high impedance while
forcing a fixed 10 mA into CA- to set the trickle charge current.
The reference point for the internal reference, all thresholds, and the return for the remainder of the device.
GND
3
The output sink transistor is wired directly to this pin.
The overcharge current taper pin detects when the output current has tapered to the float threshold in the
OVCTAP
9
overcharge state.
The oscillator ramp pin which has a capacitor (CT) to ground. The ramp oscillates between approximately
1 V to 3 V and the frequency is approximated by:
OSC
19
(1)
The output of the PWM driver which consists of an open collector output transistor with 100-mA sink
OUT
5
capability.
Input used to establish a differential voltage corresponding to the temperature of the thermistor. Connect a
R10
20
10-K
Ω resistor to ground from this point.
A resistor to ground programs the oscillator charge current and the trickle control current for the oscillator
ramp.
The oscillator charge current is approximately:
RSET
18
(2)
The trickle control current (ITRCK_CONTROL) is approximately:
(3)
A 10-K
Ω thermistor is connected to ground and is thermally connected to the battery. The resistance will
vary exponentially over temperature and its change is used to vary the internal 2.3-V reference by -3.9
RTHM
1
mV/°C. The recommended thermistor for this function is part number L1005-5744-103-D1, Keystone Carbon
Company, St. Marys, PA.
STAT0
7
This open collector pin is the first decode bit used to decode the charge states.
STAT1
6
This open collector pin is the second decode bit used to decode the charge states.
STATLV
8
This bit is high when the charger is in the float state.
VA-
12
The inverting input to the voltage error amplifier.
VAO
11
The output of the voltage error amplifier. The upper output clamp voltage of this amplifier is 5 V.
The input voltage to the chip. The chip is operational between 7.5 V and 40 V and should be bypassed with
VCC
4
a 1-µF capacitor. A typical ICC vs. temperature is shown in Figure 1.
VLOGIC
2
The precision reference voltage. It should be bypassed with a 0.1-µF capacitor.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): UC2909-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com