Electronic Components Datasheet Search
  English  ▼

X  

3811 Datasheet(PDF) 3 Page - Adafruit Industries

Part # 3811
Description  Adafruit NeoPixel LED Strip w/ Alligator Clips - 60 LED/m - 0.5 Meter Long - Black Flex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3811 Datasheet(HTML) 3 Page - Adafruit Industries

  3811 Datasheet HTML 1Page - Adafruit Industries 3811 Datasheet HTML 2Page - Adafruit Industries 3811 Datasheet HTML 3Page - Adafruit Industries 3811 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DETAILS
Dimensions with sheathing: 500 x 12 x 4mm
60 LEDs per meter
Removable IP20/65 weatherproof casing
Maximum 5V @ 60mA draw per 1.3" strip segment (all LEDs on full
brightness)
3-5 VDC power requirement (do not exceed 6VDC) - no polarity
protection
1 integrated RGB LEDs per segment, individually controllable
LED type: SK6812
LED wavelengths: 630nm/530nm/475nm
Connector: 3 x 100mm long alligator clips
Product Weight: 47.0g / 1.7oz
 
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com