Electronic Components Datasheet Search
  English  ▼

X  

EUA6210 Datasheet(PDF) 2 Page - Eutech Microelectronics Inc

Part # EUA6210
Description  Output Capacitor-less 67mW Stereo Headphone Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6210 Datasheet(HTML) 2 Page - Eutech Microelectronics Inc

  EUA6210 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA6210 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA6210 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA6210 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA6210 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA6210 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6210 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6210 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6210 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EUA6210
DS6210 Ver1.1 Aug. 2007
2
Pin Configurations
Package Type
Pin Configurations
MSOP-8
Pin Description
PIN
PIN
I/O
DESCRIPTION
IN1
1
I
Channel 1 input, connected to the feedback resistor Rf and to the input resistor
Rin.
IN2
2
I
Channel 2 input, connected to the feedback resistor Rf and to the input resistor
Rin.
SHUTDOWN
3
I
The device enters in shutdown mode when a low level is applied on this pin.
GND
4
-
Ground.
VDD
5
I
Analog VDD input supply.
VO3
6
O
Reference for speaker.
VO2
7
O
Channel 2 output.
VO1
8
O
Channel 1 output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com