Electronic Components Datasheet Search
  English  ▼

X  

4040 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4040
Description  Diffused Blue Indicator LED - 15mm Square
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4040 Datasheet(HTML) 2 Page - Adafruit Industries

  4040 Datasheet HTML 1Page - Adafruit Industries 4040 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This LED Is super
chonky! Bigger than your average LED, it has a big, bold, and
beautiful diffused body that measures about 15mm square. Inside is nestled a
blue LED, just like you know, with about 3.4V forward voltage. Add a resistor in
series and connect to a battery or microcontroller pin for a gorgeous glow.
Could be a great addition to a control panel, cosplay, or art project. They go
easily into a breadboard and will add that extra cool ranch zing to your project.
If you need some help using LEDs, please read our "Introduction to using LEDs"
tutorial for any electronics project.
TECHNICAL DETAILS
Power dissipation: 62.5mW
DC Forward Rated Current: 25mA
DC Forward Voltage: 3.4V (approx)
Operating / Storage Temperature: -40°C To +85°C
Dimensions (excluding pins): 15 x 15 x 10.8mm
Product Weight: 2.7g / 0.1oz
 
 
 
 
 
 
 
                                                https://www.adafruit.com/product/4040/2‐5‐19 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com