Electronic Components Datasheet Search
  English  ▼

X  

EUA6412 Datasheet(PDF) 13 Page - Eutech Microelectronics Inc

Part # EUA6412
Description  2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6412 Datasheet(HTML) 13 Page - Eutech Microelectronics Inc

Back Button EUA6412 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 10Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 11Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 12Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 13Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 14Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 15Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 16Page - Eutech Microelectronics Inc EUA6412 Datasheet HTML 17Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
EUA6412
DS6412 Ver 1.0 Dec. 2006
13
Application Information
Gain Setting
The gain of the EUA6412 is set by two input terminals,
Gain0 and Gain1.The gains listed in Table 1 are realized
by changing the taps on the input resistors inside the
amplifier.
Table 1.Gain Setting
GAIN0
GAIN1
BTL
SE/
AV(inv)
ZI
0
0
0
6dB
90kΩ
0
1
0
10dB
70kΩ
1
0
0
15.6dB
45kΩ
1
1
0
21.6dB
25kΩ
X
X
1
4.1dB
Input Resistance
Each gain setting is achieved by varying the input
resistance of the amplifier, which can range from its
smallest value to over 6 times that value. As a results, if a
single capacitor is used in the input high pass filter,
the –3 dB or cut off frequency will also change by over 6
times. If an additional resistor is connected from the input
pin of the amplifier to ground, as shown in the figure
below, the variation of the cut-off frequency will be much
reduced.
The-3dB frequency can be calculated using
equation 1:
f-3dB =
---------------------- (1)
If the filter must be more accurate, the value of the
capacitor should be increased while the value of the
resistor to ground should be decreased. In addition, the
order of the filter could be increased.
Input Capacitor, Ci
In the typical application an input capacitor, Ci, is
required to allow the amplifier to bias the input signal to
the proper dc level for optimum operation. In this case, Ci
and the input impedance of the amplifier, Zi, from a
high-pass filter with the corner frequency determined in
equation 2.
fc(highpass)=
i
i
C
Z
2
1
π
-----------------(2)
The value of Ci is important to consider as it directly
affects the bass (low frequency) performance of the
circuit. Consider the example where Zi is 710kΩ and the
specification calls for a flat bass response down to 40Hz.
Equation 2 is reconfigured as equation 3.
Ci =
C
f
Z
2
1
i
π
----------------------------- (3 )
In this example, Ci is 5.6nF so one would likely choose a
value in the range of 5.6nF to 1µF. A further
consideration for this capacitor is the leakage path from
the input source through the input network (Ci) and the
feedback network to the load. This leakage current
creates a dc offset voltage at the input to the amplifier
that reduces useful headroom, especially in high gain
applications. For this reason a low- leakage tantalum or
ceramic capacitor is the best choice. When polarized
capacitors are used, the positive side of the capacitor
should face the amplifier input in most applications as
the dc level there is held at VDD/2, which is likely higher
than the source dc level. Note that it is important to
confirm the capacitor polarity in the application.
)
i
R
||
(R
C
2
1
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com