Electronic Components Datasheet Search
  English  ▼

X  

4520 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4520
Description  Adafruit 1.3" 240x240 Wide Angle IPS TFT Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4520 Datasheet(HTML) 1 Page - Adafruit Industries

  4520 Datasheet HTML 1Page - Adafruit Industries 4520 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Adafruit 1.3" 240x240 Wide Angle IPS
TFT Display
PRODUCT ID: 4520
DESCRIPTION
This is a screen for advanced hackers who like the look of the TFT screen we've put into
the Adafruit CLUE and Adafruit Mini PiTFT 1.3". The 1.3" display has 240x240 16-bit full-
color pixels and is an IPS display, so the color looks great up to 80 degrees off-axis in
any direction. The TFT driver (ST7789) is very similar to the popular ST7735, and our
Arduino library supports it well.
This is just the display module! No PCB is included!
We're selling this module bare for those who want to integrate it into their own
project. If this is your first time working with this TFT we suggest our breakout board
which makes it easy to use SPI interfacing and also has mounting holes, level shifting,
etc..
Of course, we wouldn't just leave you with a datasheet and a "good luck!" - we've
written a full open-source graphics library that can draw pixels, lines, rectangles, circles,
text, and bitmaps as well as example code and a wiring tutorial. The code is written for
Arduino but can be easily ported to your favorite microcontroller!
For the matching connector, you'll need a 24-pin 0.5mm pitch bottom contact FPC
connector such as Amphenol SFV24R-2STE1HLF


Similar Part No. - 4520

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
4520 KEMET-4520 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Heyco.
4520 HEYCO-4520 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Lapp.
4520001 LAPP-4520001 Datasheet
462Kb / 7P
H07V-K
05.06.2018
4520001 LAPP-4520001 Datasheet
77Kb / 1P
H07V-K (X07V-K)
16.10.2015
4520001S LAPP-4520001S Datasheet
462Kb / 7P
H07V-K
05.06.2018
More results

Similar Description - 4520

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FR1106W STANLEY-FR1106W Datasheet
216Kb / 13P
Single Color Super Wide Angle Type (h=1.3 mm)
UB1106W STANLEY-UB1106W Datasheet
312Kb / 16P
Single Color Super Wide Angle Type (h=1.3 mm)
NU1106W STANLEY-NU1106W Datasheet
363Kb / 11P
Single Color Super Wide Angle Type (t=1.3 mm)
logo
Renesas Technology Corp
TW8832 RENESAS-TW8832 Datasheet
154Kb / 3P
TFT Display Controller
logo
Crystalfontz America, I...
CFAF240320D-032T CRYSTAIFONTZ-CFAF240320D-032T Datasheet
625Kb / 12P
TFT DISPLAY MODULE
CFAF240400C0-030SC CRYSTAIFONTZ-CFAF240400C0-030SC Datasheet
2Mb / 22P
IPS TFT DISPLAY MODULE
CFAF240400E0-030TN CRYSTAIFONTZ-CFAF240400E0-030TN Datasheet
2Mb / 22P
IPS TFT DISPLAY MODULE
logo
Logic Fruit Technologie...
DISPLAY-PORT-IP LFTECH-DISPLAY-PORT-IP Datasheet
6Mb / 5P
DISPLAY PORT IPs
logo
Advantech Co., Ltd.
POC-W243 ADVANTECH-POC-W243 Datasheet
813Kb / 4P
24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
POC-WP243 ADVANTECH-POC-WP243 Datasheet
941Kb / 4P
24" Widescreen Point-of-Care Terminal with IPS TFT Display and Intel 6th Generation Processor
10-Sep-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com