Electronic Components Datasheet Search
  English  ▼

X  

4548 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4548
Description  RGBW Neon-like LED Flex Strip - Warm White 2700K - 1 meter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4548 Datasheet(HTML) 2 Page - Adafruit Industries

  4548 Datasheet HTML 1Page - Adafruit Industries 4548 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
You'll get 1 meter long strip with 5 wires: black for +12V and then red, green,
blue and yellow/white that you can connect to ground to turn on the
corresponding color. Provide 9V (bright) to 12V (very bright!) and the tubing
starts to glow.
Note these are not 'NeoPixel' LED strips, you can turn each channel of red, green
or blue on or off, to set the full strip to any color, but you cannot turn on
individual LEDs. This guide on analog RGB LED strip control will show you how it
works - you'll want a microcontroller with 4 PWM outputs, and 4 N-MOSFETs or
a ULN2803 to control the power to each R/G/B element.
 
 
  
https://www.adafruit.com/product/4548/7‐7‐20 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com